Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 28Page - STMicroelectronics L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics L6360 Datasheet HTML 32Page - STMicroelectronics L6360 Datasheet HTML 33Page - STMicroelectronics L6360 Datasheet HTML 34Page - STMicroelectronics L6360 Datasheet HTML 35Page - STMicroelectronics L6360 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Device configuration
L6360
32/65
Doc ID 022817 Rev 2
In order to reduce the risk of damage to the output stage (e.g. switching from push-pull
inductive load to any transceiver configuration while an inductive load has some residual
energy), the user must not switch between any two “active” (low-side, high-side, push-pull,
low-side ON, high-side ON, push-pull inductive load) configurations of the bridge.
For example, if the microcontroller needs to switch from push-pull to high-side configuration,
it needs to modify the configuration register twice:
First-step: switch from push-pull to OFF (or TRISTATE)
Second-step: switch from OFF (or TRISTATE) to high-side
If the microcontroller asks for a forbidden jump between configurations, the IC remains in
the previous configuration and reports a parity error to the microcontroller.
In case of sequential write, no parity error is generated if the microcontroller rewrites the
configuration register with the previous value; if the operation, instead, requires a forbidden
jump, all data are rejected also for other registers (and a parity error is raised).
The L+ switch is a high-side switch. HS is ON when ENL+ is high, otherwise it is OFF. Fast
decay with active clamp (-Vdemag) is operated when the HS is turned off or in the case of
cutoff.
Receiver I/Q is always ON.
Bit 4:2 = not used
Bit 1:0 = not used
LED registers
See also the Diagnostic LED sequence generator and driver section.
These registers are used to configure the two LED drivers integrated in the IC. Each LED
driver has two associated registers and turns on or off the external LED according to the
information stored in the registers, which are scanned with a rate of 63 ms per bit. LED
drivers can be used for status or diagnostic information, or for other purposes, and should
be configured by the host microcontroller.
LED1 registers
Reset value: [00000000]
Figure 16.
LED1 registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com