Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 12Page - STMicroelectronics L6360 Datasheet HTML 13Page - STMicroelectronics L6360 Datasheet HTML 14Page - STMicroelectronics L6360 Datasheet HTML 15Page - STMicroelectronics L6360 Datasheet HTML 16Page - STMicroelectronics L6360 Datasheet HTML 17Page - STMicroelectronics L6360 Datasheet HTML 18Page - STMicroelectronics L6360 Datasheet HTML 19Page - STMicroelectronics L6360 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Electrical characteristics
L6360
16/65
Doc ID 022817 Rev 2
Figure 3.
Rise/fall time test setup
Figure 4.
Normalized rise and fall time vs. output capacitor value (typ. values in push-pull
configuration)
tsu(STA)
Repeated START condition
setup
0.6
µs
tsu(STO)
STOP condition setup time
0.6
µs
tw(START/STOP)
STOP to START condition time
(bus free)
1.3
µs
tw(SCLL)
SCL clock low time
1.3
µs
tw(SCLH)
SCL clock high time
0.6
µs
Cb
Capacitance for each bus line
400
pF
CI
Capacitance for each I/O pin
10
pF
1.
Values based on standard I2C protocol requirement.
Table 10.
Electrical characteristics - I2C (Fast mode)(1) (continued)
Symbol
Parameter
Test condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com