Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 25Page - STMicroelectronics L6360 Datasheet HTML 26Page - STMicroelectronics L6360 Datasheet HTML 27Page - STMicroelectronics L6360 Datasheet HTML 28Page - STMicroelectronics L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics L6360 Datasheet HTML 32Page - STMicroelectronics L6360 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
29/65
Bit 4 = L+COD:
L+ cutoff disable
The cutoff function on the L+ switch can be enabled or disabled
according to the L+COD bit.
As the cutoff function is intended to protect the integrated switches against overload and
short-circuit, disabling the cutoff is not recommended.
Bit 3
= tdcol:
L+ cutoff current delay time
The channel output driver is turned off after a delay (tdcol)
programmable by means of this bit:
Bit 2 = trcol:
L+ restart delay time
After a cutoff event, the channel driver automatically restarts again
after a delay (trcol) programmable by means of this bit:
Bit 1:0 = tdbi [1:0]:
I/Q de-bounce time
De-bounce time is the minimum time that data must be in a given
state after a transition. It is a programmable time, and it can be
configured as shown in Table 23.
Table 20.
L+COD: L+ cutoff disable
L+COD
L+ cutoff current status
0
Enabled
1
Disabled
Table 21.
tdcol: L+ HS cutoff current delay time
tdcol
Typ.
0500 µs
10 µs
Table 22.
trcol: L+ restart delay
trcol
Typ.
0
64 ms
1Latched(1)
1.
Unlatch through I2C communication (reading or writing any internal registers).
Table 23.
tdbi: I/Q de-bounce time
tdbi [1]
tdbi [0]
Typ.
00
0 µs
01
5 µs
1
0
20 µs
1
1
100 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com