Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 14Page - STMicroelectronics L6360 Datasheet HTML 15Page - STMicroelectronics L6360 Datasheet HTML 16Page - STMicroelectronics L6360 Datasheet HTML 17Page - STMicroelectronics L6360 Datasheet HTML 18Page - STMicroelectronics L6360 Datasheet HTML 19Page - STMicroelectronics L6360 Datasheet HTML 20Page - STMicroelectronics L6360 Datasheet HTML 21Page - STMicroelectronics L6360 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Device configuration
L6360
18/65
Doc ID 022817 Rev 2
6
Device configuration
SDA and SCL configure the L6360 device through I2C.
6.1
I²C single master bus interface
6.1.1
Introduction
The I2C bus interface serves as an interface between the microcontroller and the serial I2C
bus.
It provides single master functions, and controls all I2C bus-specific sequencing, protocol
and timing.
It supports fast I2C mode (400 kHz).
6.1.2
Main features
●
Parallel bus / I2C protocol converter
●
Interrupt generation
●
Fast I2C mode
●
7-bit addressing.
6.1.3
General description
In addition to receiving and transmitting data, this interface converts it from serial to parallel
format and vice versa.
The interface is connected to the I2C bus by a data pin (SDA) and a clock pin (SCL).
6.1.4
SDA/SCL line control
SDA is a bi-directional line, SCL is the clock input. SDA should be connected to a positive
supply voltage via a current-source or pull-up resistor. When the bus is free, both lines are
HIGH.
The output stages of devices connected to the bus must have an open drain or open
collector output to perform the wired AND function. Data on the I2C bus can be transferred
at rates up to 400 Kbit/s in fast mode.
The number of interfaces connected to the bus is limited by the bus capacitance.
For a single master application, the master's SCL output can be a push-pull driver provided
that there are no devices on the bus which would stretch the clock.
Transmitter mode: the microcontroller interface holds the clock line low before transmission.
Receiver mode: the microcontroller interface holds the clock line low after reception.
When the I2C microcontroller cell is enabled, the SDA and SCL ports must be configured as
floating inputs.
In this case, the value of the external pull-up resistors used depends on the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com