Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 36Page - STMicroelectronics L6360 Datasheet HTML 37Page - STMicroelectronics L6360 Datasheet HTML 38Page - STMicroelectronics L6360 Datasheet HTML 39Page - STMicroelectronics L6360 Datasheet HTML 40Page - STMicroelectronics L6360 Datasheet HTML 41Page - STMicroelectronics L6360 Datasheet HTML 42Page - STMicroelectronics L6360 Datasheet HTML 43Page - STMicroelectronics L6360 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Device configuration
L6360
40/65
Doc ID 022817 Rev 2
6.4
I2C protocol
6.4.1
Protocol configuration
Figure 24.
Device initialization
Microcontroller initialization: Microcontroller initialization phase.
Write mode: The L6360 is configured by the microcontroller through I2C.
To configure the device, it is necessary to write its internal registers (see Write modes
section).
Parity check: L6360 calculates the parity of each received register and stores it in the parity
register. After which, it compares it with the parity transmitted together with the data.
If the parity check of one or more registers failed, the “parity error bit” in the status register is
set and an interrupt is generated by the L6360.
The microcontroller can now read the status register and the parity register (current read).
So the microcontroller can understand the interrupt cause and which register failed the
transmission. If the parity check is ok, the flow goes on (Read modes).
Write register failed: The microcontroller can again write the register(s) that failed the
check.
Read mode: Read status register to monitor if the configuration was good (Read modes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com