Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 55Page - STMicroelectronics L6360 Datasheet HTML 56Page - STMicroelectronics L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics L6360 Datasheet HTML 60Page - STMicroelectronics L6360 Datasheet HTML 61Page - STMicroelectronics L6360 Datasheet HTML 62Page - STMicroelectronics L6360 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
L6360
EMC protection considerations
Doc ID 022817 Rev 2
59/65
Figure 45.
Refined supply voltage protection
The above reference diagram provides an extended level of protection in both polarities as
well as the reverse polarity protection.
If the VH pin of the L6360 is supplied from a separate power supply or if it is decoupled from
the main power supply and blocked by bulk capacitors, an additional circuit may be required
to ensure the VH voltage is always lower than (or equal to) the main supply voltage (VCC).
A possible solution with diode is shown in Figure 46.
Table 33.
Refined supply voltage protection component description
Part
Function
Description
D_PWR
Primary overvoltage
protection
Works as a primary overvoltage clamp to limit supply line
distortions - like surge pulses, oscillations caused by line
parasitic parameters (inductance) during plug-in phase, etc.
1500 W is recommended to provide reliable protection, uni-
directional type is chosen to cover reverse polarity protection.
D_POL
Reverse polarity protection
Avoids reverse direction current flow and negative voltage
stress of the L6360. Its current rating (3 A) is chosen in
accordance with the maximum driving capabilities of the
L6360 power stages. Schottky type is recommended to limit
power dissipation (low VF). Voltage rating (100 V) comes from
negative surge to the supply condition.
D_S
D_PWR support and IO
overvoltage protection
a) Shares a positive surge current with the primary protection
and limits the overvoltage amplitude.
b) clamps surges applied to the L6360 C/Q and L+ lines.
C_F
Filtering bulk capacitor
An energy buffer for application supply, filters the application
supply to avoid high ripple during power driver switching, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com