Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FV2 Datasheet (PDF) - Renesas Technology Corp

DA7282-00FV2 Datasheet PDF - Renesas Technology Corp
Part # DA7282-00FV2
Download  DA7282-00FV2 Download
File Size   1557.74 Kbytes
Page   88 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory

DA7282-00FV2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7282-00FV2 Datasheet PDF - Renesas Technology Corp

Part # DA7282-00FV2
Download  DA7282-00FV2 Click to download

File Size   1557.74 Kbytes
Page   88 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory

DA7282-00FV2 Datasheet (HTML) - Renesas Technology Corp


DA7282-00FV2 Product details

Key Features
■ LRA or ERM drive capability
■ Automatic LRA resonant frequency tracking
■ Wideband LRA support
■ I2C and PWM input streaming
■ Low latency (0.75 ms) I2C/GPI wake-up from
low power consumption IDLE state,
IQ = 0.68 μA
■ Ultra-low latency (0.15 ms) wake-up from
STANDBY state, IQ = 0.8 mA
■ Three GPI pins for triggering of up to six
independent haptic sequences
■ On-board Waveform Memory with amplitude,
time, and frequency control
■ Active Acceleration and Rapid Stop
technology for high-fidelity haptic feedback
■ Actuator diagnostics and fault handling
■ Configurable EMI suppression
■ No software requirements with embedded
operation
■ Differential PWM output drive
■ Current driven system to deliver constant
actuator power
■ Automatic short circuit protection
■ Ultra-low power consumption, IQ = 5 nA, when
device is disabled
■ Ultra-low power consumption, IQ = 0.68 μA,
with state retention in IDLE state
■ Supply monitoring, reporting, and automatic
output limiting
■ Open- and closed-loop modes
■ Custom wave drive support
■ Small solution footprint requiring only one
decoupling capacitor in both WLCSP and QFN




Similar Part No. - DA7282-00FV2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7282-00FV2 DIALOG-DA7282-00FV2 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7282-00FV2 RENESAS-DA7282-00FV2 Datasheet
1Mb / 75P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
Rev.3.30 June 16, 2026
More results


Similar Description - DA7282-00FV2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
Automotive Haptic Driver for LRA and ERM
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Dialog Semiconductor
DA7280 DIALOG-DA7280 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
DA7281 DIALOG-DA7281 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
DA7283 DIALOG-DA7283 Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
DA7283 RENESAS-DA7283 Datasheet
729Kb / 27P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
10-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com