Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-430 Datasheet (PDF) - PCE Instruments.

PCE-430 Datasheet PDF - PCE Instruments.
Part # PCE-430
Download  PCE-430 Download
File Size   678.93 Kbytes
Page   3 Pages
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.
Description Sound Level Data Logger PCE-430

PCE-430 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCE-430 Datasheet PDF - PCE Instruments.

Part # PCE-430
Download  PCE-430 Click to download

File Size   678.93 Kbytes
Page   3 Pages
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.
Description Sound Level Data Logger PCE-430

PCE-430 Datasheet (HTML) - PCE Instruments.


PCE-430 Product details

PCE-430 is a class 1 data-logging sound level meter that meets IEC 60651:1979, IEC 60804:2000, IEC 61672-1:2013, ANSI S1.4-1983 and ANSIS1.43-1997 requirements. This portable high-accuracy sound level meter has a large easy-to-read illuminated LCD screen that displays thesound pressure level (SPL) numerically and graphically in real time. Thanks to octave band filtering, even the slightest difference in frequency isdetected.
The handheld meter also functions as a data logger, recording measurementsat an adjustable interval from 1 s ... 24 h and storing the recordedmeasurement data to a micro SD card memory. The SD card can be removed from the meter and inserted into the SD card reader of a PC.Alternatively, the decibel meter can be connected directly to a PC via USB. The provided PC-compatible software allows for quick and easy dataanalysis.
This device measures from 22 ... 136 db(A) at a frequency of 3 Hz ... 20 kHz. The meter features A, B, C and Z frequency weightings as well asfast, slow and impulse time weightings. The PCE-430 decibel meter is commonly used by professionals to ensure compliance withenvironmental noise regulations and workplace noise permissible exposure limits. It is also ideal for airport and air force base noise monitoringprograms.
Accuracy class 1
A, B, C and Z frequency weightings
Fast, slow and impulse time weightings
1/1 octave band filter (optional 1/3 octave band filter upgrade - see accessories tab)
Adjustable data-recording interval from 1 s ... 24 h
Real-time numerical and graphical LCD display
Adjustable alarm




Similar Part No. - PCE-430

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-430-EKIT PCE-PCE-430-EKIT Datasheet
396Kb / 4P
Outdoor Decibel Meter Kit PCE-430-EKIT
PCE-430-ICA PCE-PCE-430-ICA Datasheet
895Kb / 3P
Class 1 Data-Logging Decibel Meter PCE-430-ICA incl.ISO Calibration Certificate
More results


Similar Description - PCE-430

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34832A HP-34832A Datasheet
331Kb / 4P
BenchLink Data Logger Pro
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
logo
Extech Instruments Corp...
HD600 EXTECH-HD600_15 Datasheet
246Kb / 1P
Data Logging Sound Level Meter
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Schneider Electric
EBX210 SCHNEIDER-EBX210 Datasheet
95Kb / 2P
ComX 210 - data logger - UL
May 21, 2020
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
logo
Vaisala
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
Data Logger QML201C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com