Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-430 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-430
Description  Sound Level Data Logger PCE-430
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-430 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-430 Datasheet HTML 1Page - PCE Instruments. PCE-430 Datasheet HTML 2Page - PCE Instruments. PCE-430 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Measuring range
22 ... 136 db(A)
Accuracy
Class 1
Frequency range
3 Hz ... 20 kHz
Standards
GB/T 3785.1-2010
GB/T 3785.2-2010
IEC 60651:1979
IEC 60804:2000
IEC 61672-1:2013
ANSI S1.4-1983
ANSI S1.43-1997
Frequency analysis 1/1 Octave band filter: 8 Hz ... 16 kHz
1/3 Octave band filter: 6.3 Hz ... 20 kHz
Microphone
1/2"
Microphone Class: 1
Sensitivity: 40 mV/PA
Frequency range: 3 Hz ... 20 kHz
Connection: TNC
Power supply: ICCP Standard
Data-logging
interval
1 s ... 24 h (adjustable)
Measuring functions LXY (SPL), LXeq, LXYSD, LXSEL, LXE, LXYmax, LXYmin, LXPeak,
LXN
X = Frequency weighting: A, B, C, Z
Y = Time weighting: F, S, I
N = Statistics in %: 1 ... 99 %
Frequency
weightings
A, B, C, Z
Time weightings
Fast (F) 125ms, Slow (S) 1 sec, Impulse (I) 35 ms
Inherent noise
Microphone: 19 db(A), 25 db(C), 31 db(Z)
Electronics: 13 db(A), 17 db(C), 24 db(Z)
AD converter
24 Bit
AD Sample rate
Standard: 48 kHz
LN Mode: 20 ms
Measuring display Numerical
Bar graph
Graphical
Display
160 x 160 pixel LCD with backlight
Memory
4 GB Micro SD card
 
 
 
 
More information
Manual
Manual P2
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com