Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0059 Datasheet (PDF) - Tyco Electronics

MABACT0059 Datasheet PDF - Tyco Electronics
Part # MABACT0059
Download  MABACT0059 Download
File Size   79.87 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Transmission Line Transformer 4.5 - 3000MHz

MABACT0059 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0059 Datasheet PDF - Tyco Electronics

Part # MABACT0059
Download  MABACT0059 Click to download

File Size   79.87 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Transmission Line Transformer 4.5 - 3000MHz

MABACT0059 Datasheet (HTML) - Tyco Electronics


MABACT0059 Product details

Description
M/A Com’s MABACT0059 is a 1:1 Transmission Line Transformer. The windings of the MABACT0059 are welded to the package substrate for improved reliability and to eliminate lead content. This Transformer is ideally suited for CATV and Satellite STB/Subscriber applications.

Features
• Surface mount
• Wide frequency range
• 1:1 impedance
• Lead Free
• RoHS* Compliant and is 260°C reflow compatible.
• Available on Tape and Reel, reel quantity 2000




Similar Part No. - MABACT0059

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0059 MA-COM-MABACT0059 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059 Datasheet
635Kb / 2P
Twelve different part numbers
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
More results


Similar Description - MABACT0059

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007327-CT1A40 MACOM-MABA-007327-CT1A40 Datasheet
86Kb / 3P
1:1 Tx Line Balun Transformer 4.5-3000MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0039 MACOM-MABACT0039 Datasheet
70Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABACT0056 MACOM-MABACT0056 Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0065 MACOM-MABACT0065 Datasheet
182Kb / 3P
4:1 Transmission Line Transformer 500-3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0065 MA-COM-MABACT0065 Datasheet
127Kb / 3P
4:1 Transmission Line Transformer 500-3000MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0039 MA-COM-MABACT0039 Datasheet
68Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
101Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com