Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0059 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0059
Description  1:1 Transmission Line Transformer 4.5 - 3000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0059 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0059 Datasheet HTML 1Page - Tyco Electronics MABACT0059 Datasheet HTML 2Page - Tyco Electronics MABACT0059 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1:1 Transmission Line Transformer 4.5 – 3000MHz
MABACT0059
V1P
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 75Ω
Absolute Maximum Ratings
1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating/Storage
Temperature
-40° C to +85° C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
4.5 – 3000 MHz
Insertion Loss 1 (Pin 4 to Pin 3)
Insertion Loss 1
Insertion Loss 1
Insertion Loss 1
4.5 – 1000 MHz
1000 – 2000 MHz
2000 – 2500 MHz
2500 – 3000 MHz
dB
dB
dB
dB
–
0.07
0.63
1.93
4.20
1.0
2.0
5.0
6.5
Insertion Loss 2 (Pin 4 to Pin 1)
Insertion Loss 2
Insertion Loss 2
Insertion Loss 2
4.5 – 1000 MHz
1000 – 2000 MHz
2000 – 2500 MHz
2500 – 3000 MHz
dB
dB
dB
dB
–
0.29
0.08
2.00
5.30
1.0
2.0
6.0
8.4
Amp Unbalance (Nominal 0dB)
4.5 – 20 MHz
20 – 1000 MHz
dB
dB
–
±1.0
±0.3
±1.2
±1.0
Phase Balance (Nominal 180
0)
4.5 – 1000 MHz
o
–
±0.03
±20
Input return Loss (Pin 4)
4.5
– 1000 MHz
dB
15
26.30
–
Suggested Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com