Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9315 Datasheet (PDF) - Motorola, Inc

MPC9315 Datasheet PDF - Motorola, Inc
Part # MPC9315
Download  MPC9315 Download
File Size   183.44 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.5V and 3.3V CMOS PLL Clock Generator and Driver

MPC9315 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9315 Datasheet PDF - Motorola, Inc

Part # MPC9315
Download  MPC9315 Click to download

File Size   183.44 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.5V and 3.3V CMOS PLL Clock Generator and Driver

MPC9315 Datasheet (HTML) - Motorola, Inc


MPC9315 Product details

2.5V and 3.3V CMOS PLL Clock Generator and Driver



The MPC9315 is a 2.5V and 3.3V compatible, PLL based clock generator designed for low-skew clock distribution in low-voltage mid-range to high-performance telecom, networking and computing applications. The MPC9315 offers 8 low-skew outputs and 2 selectable inputs for clock redundancy. The outputs are configurable and support 1:1, 2:1, 4:1, 1:2 and 1:4 output to input frequency ratios. In addition, a selectable output 180° phase control supports advanced clocking schemes with inverted clock signals. The MPC9315 is specified for the extended temperature range of –40 to +85°C.



Features

• Configurable 8 outputs LVCMOS PLL clock generator

• Compatible to various microprocessor such as PowerQuicc I and II

• Wide range output clock frequency of 18.75 to 160 MHz

• 2.5V and 3.3V CMOS compatible

• Designed for mid-range to high-performance telecom, networking and computer applications

• Fully integrated PLL supports spread spectrum clocking

• Supports applications requiring clock redundancy

• Max. output skew of 120 ps (80 ps within one bank)

• Selectable output configurations (1:1, 2:1, 4:1, 1:2, 1:4 frequency ratios)

• 2 selectable LVCMOS clock inputs

• External PLL feedback path and selectable feedback configuration

• Tristable outputs

• 32 ld LQFP package

• Ambient operating temperature range of –40 to +85°C



 




Similar Part No. - MPC9315

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
More results


Similar Description - MPC9315

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
DUAL 3.3V PLL CLOCK GENERATOR
logo
OKI electronic componet...
MSM82C84A-2RS OKI-MSM82C84A-2RS Datasheet
164Kb / 18P
CLOCK GENERATOR AND DRIVER
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
-2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com