Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9315 Datasheet (PDF) - Renesas Technology Corp

MPC9315 Datasheet PDF - Renesas Technology Corp
Part # MPC9315
Download  MPC9315 Download
File Size   441.27 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V and 3.3V CMOS PLL Clock Generator and Driver

MPC9315 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9315 Datasheet PDF - Renesas Technology Corp

Part # MPC9315
Download  MPC9315 Click to download

File Size   441.27 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V and 3.3V CMOS PLL Clock Generator and Driver

MPC9315 Datasheet (HTML) - Renesas Technology Corp


MPC9315 Product details

The MPC9315 is a 2.5 V and 3.3 V compatible, PLL based clock generator
designed for low-skew clock distribution in low-voltage mid-range to
high-performance telecom, networking and computing applications. The
MPC9315 offers 8 low-skew outputs and 2 selectable inputs for clock
redundancy. The outputs are configurable and support 1:1, 2:1, 4:1, 1:2 and 1:4
output to input frequency ratios. In addition, a selectable output 180 phase
control supports advanced clocking schemes with inverted clock signals. The
MPC9315 is specified for the extended temperature range of –40 to +85C.
Features
• Configurable 8 Outputs LVCMOS PLL Clock Generator
• Compatible to Various Microprocessors Such As PowerQUICC I and II
• Wide Range Output Clock Frequency of 18.75 to 160 MHz
• 2.5 V and 3.3 V CMOS Compatible
• Designed for Mid-Range to High-Performance Telecom, Networking and
Computer Applications
• Fully Integrated PLL Supports Spread Spectrum Clocking
• Supports Applications Requiring Clock Redundancy
• Max. Output Skew of 120 ps (80 ps Within One Bank)
• Selectable Output Configurations (1:1, 2:1, 4:1, 1:2, 1:4 Frequency Ratios)
• Two Selectable LVCMOS Clock Inputs
• External PLL Feedback Path and Selectable Feedback Configuration
• Tristable Outputs
• 32-Lead LQFP Package
• Ambient Operating Temperature Range of -40 to +85C
• 32-Lead Pb-Free Package




Similar Part No. - MPC9315

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
MPC9315FA MOTOROLA-MPC9315FA Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
More results


Similar Description - MPC9315

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
DUAL 3.3V PLL CLOCK GENERATOR
logo
OKI electronic componet...
MSM82C84A-2RS OKI-MSM82C84A-2RS Datasheet
164Kb / 18P
CLOCK GENERATOR AND DRIVER
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
-2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com