Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA423AL Datasheet (PDF) - NXP Semiconductors

BA423AL Datasheet PDF - NXP Semiconductors
Part # BA423AL
Download  BA423AL Download
File Size   29.23 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description AM band-switching diode

BA423AL Datasheet (PDF)

Go To PDF Page Download Datasheet
BA423AL Datasheet PDF - NXP Semiconductors

Part # BA423AL
Download  BA423AL Click to download

File Size   29.23 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description AM band-switching diode

BA423AL Datasheet (HTML) - NXP Semiconductors


BA423AL Product details

DESCRIPTION
Leadless diode in a hermetically-sealed glass SOD80C SMD package with lead/tin plated metal discs at each end.

FEATURES
• Continuous reverse voltage: max. 20 V
• Continuous forward current: max. 50 mA
• Low diode capacitance: max. 2.5 pF
• Low diode forward resistance: max. 1.2 Ω.

APPLICATION
• Band switching in AM radio receivers.




Similar Part No. - BA423AL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA423A PHILIPS-BA423A Datasheet
31Kb / 4P
AM band-switching diode
1996 Mar 13
More results


Similar Description - BA423AL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA423A PHILIPS-BA423A Datasheet
31Kb / 4P
AM band-switching diode
1996 Mar 13
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com