Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA423AL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA423AL
Description  AM band-switching diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA423AL Datasheet(HTML) 2 Page - NXP Semiconductors

  BA423AL Datasheet HTML 1Page - NXP Semiconductors BA423AL Datasheet HTML 2Page - NXP Semiconductors BA423AL Datasheet HTML 3Page - NXP Semiconductors BA423AL Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1996 Mar 13
2
Philips Semiconductors
Product specification
AM band-switching diode
BA423AL
FEATURES
• Continuous reverse voltage:
max. 20 V
• Continuous forward current:
max. 50 mA
• Low diode capacitance:
max. 2.5 pF
• Low diode forward resistance:
max. 1.2
Ω.
APPLICATION
• Band switching in AM radio
receivers.
DESCRIPTION
Leadless diode in a hermetically-sealed glass SOD80C SMD package with
lead/tin plated metal discs at each end.
Fig.1 Simplified outline (SOD80C) and symbol.
handbook, 4 columns
MAM061
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a FR4 printed-circuit board.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
20
V
IF
continuous forward current
−
50
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 50 mA; see Fig.2
0.9
V
IR
reverse current
see Fig.3
VR = 20V
100
nA
VR = 20 V; Tj = 125 °C5
µA
Cd
diode capacitance
f = 1 MHz; VR = 3 V; see Fig.4
2.5
pF
rD
diode forward resistance
IF = 10 mA; f = 1 MHz; see Fig.5
1.2
Ω
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
300
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
375
K/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com