Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9259 Datasheet (PDF) - Analog Devices

AD9259 Datasheet PDF - Analog Devices
Part # AD9259
Download  AD9259 Download
File Size   1813.21 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter

AD9259 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9259 Datasheet PDF - Analog Devices

Part # AD9259
Download  AD9259 Click to download

File Size   1813.21 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter

AD9259 Datasheet (HTML) - Analog Devices


AD9259 Product details

GENERAL DESCRIPTION
The AD9259 is a quad, 14-bit, 50 MSPS analog-to-digital converter (ADC) with an on-chip sample-and-hold circuit designed for low cost, low power, small size, and ease of use. The product operates at a conversion rate of up to 50 MSPS and is optimized for outstanding dynamic performance and low power in applications where a small package size is critical.

FEATURES
   4 ADCs integrated into 1 package
   98 mW ADC power per channel at 50 MSPS
   SNR = 73 dB (to Nyquist)
   ENOB = 12 bits
   SFDR = 84 dBc (to Nyquist)
   Excellent linearity
      DNL = ±0.5 LSB (typical)
      INL = ±1.5 LSB (typical)
   Serial LVDS (ANSI-644, default)
      Low power, reduced signal option (similar to IEEE 1596.3)
   Data and frame clock outputs
   315 MHz full-power analog bandwidth
   2 V p-p input voltage range
   1.8 V supply operation
   Serial port control
   Full-chip and individual-channel power-down modes
   Flexible bit orientation
   Built-in and custom digital test pattern generation
   Programmable clock and data alignment
   Programmable output resolution
   Standby mode

APPLICATIONS
   Medical imaging and nondestructive ultrasound
   Portable ultrasound and digital beam-forming systems
   Quadrature radio receivers
   Diversity radio receivers
   Tape drives
   Optical networking
   Test equipment




Similar Part No. - AD9259

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 53P
Serial LVDS 1.8 V ADC
Rev. E
AD9259-50EB1 AD-AD9259-50EB1 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9259-50EBZ AD-AD9259-50EBZ Datasheet
1Mb / 53P
Serial LVDS 1.8 V ADC
Rev. E
AD9259ABCPZ-50 AD-AD9259ABCPZ-50 Datasheet
1Mb / 53P
Serial LVDS 1.8 V ADC
Rev. E
AD9259ABCPZRL7-50 AD-AD9259ABCPZRL7-50 Datasheet
1Mb / 53P
Serial LVDS 1.8 V ADC
Rev. E
More results


Similar Description - AD9259

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9222 AD-AD9222 Datasheet
2Mb / 56P
Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
9/06-Revision 0
AD9219 AD-AD9219 Datasheet
1Mb / 52P
Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
7/06-Revision 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
10/06-Revision 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com