Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9252 Datasheet (PDF) - Analog Devices

AD9252 Datasheet PDF - Analog Devices
Part # AD9252
Download  AD9252 Download
File Size   2311.89 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter

AD9252 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9252 Datasheet PDF - Analog Devices

Part # AD9252
Download  AD9252 Click to download

File Size   2311.89 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter

AD9252 Datasheet (HTML) - Analog Devices


AD9252 Product details

GENERAL DESCRIPTION
The AD9252 is an octal, 14-bit, 50 MSPS ADC with an on-chip sample-and-hold circuit designed for low cost, low power, small size, and ease of use. Operating at a conversion rate of up to 50 MSPS, it is optimized for outstanding dynamic performance and low power in applications where a small package size is critical.

FEATURES
    8 analog-to-digital converters (ADCs) integrated into 1 package
    93.5 mW ADC power per channel at 50 MSPS
    SNR = 73 dB (to Nyquist)
    ENOB = 12 bits
    SFDR = 84 dBc (to Nyquist)
    Excellent linearity DNL = ±0.4 LSB (typical); INL = ±1.5 LSB (typical)
    Serial LVDS (ANSI-644, default) Low power, reduced signal option (similar to IEEE 1596.3)
    Data and frame clock outputs
    325 MHz, full-power analog bandwidth
    2 V p-p input voltage range
    1.8 V supply operation
    Serial port control
        Full-chip and individual-channel power-down modes
        Flexible bit orientation
        Built-in and custom digital test pattern generation
        Programmable clock and data alignment
        Programmable output resolution
        Standby mode

APPLICATIONS
    Medical imaging and nondestructive ultrasound
    Portable ultrasound and digital beam-forming systems
    Quadrature radio receivers
    Diversity radio receivers
    Tape drives
    Optical networking
    Test equipment




Similar Part No. - AD9252

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9252-50EBZ AD-AD9252-50EBZ Datasheet
1Mb / 53P
Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 53P
Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZRL7-50 AD-AD9252ABCPZRL7-50 Datasheet
1Mb / 53P
Serial LVDS, 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Similar Description - AD9252

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 52P
Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
6/06-Revision 0
AD9222 AD-AD9222 Datasheet
2Mb / 56P
Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
9/06-Revision 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
7/06-Revision 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
10/06-Revision 0
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9681 AD-AD9681 Datasheet
1Mb / 40P
Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com