Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14581 Datasheet (PDF) - Renesas Technology Corp

DA14581 Datasheet PDF - Renesas Technology Corp
Part # DA14581
Download  DA14581 Download
File Size   190.62 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Revision History

DA14581 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14581 Datasheet PDF - Renesas Technology Corp

Part # DA14581
Download  DA14581 Click to download

File Size   190.62 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Revision History

DA14581 Datasheet (HTML) - Renesas Technology Corp


DA14581 Product details

1 V3.3 (30-Dec-2021)
• Updated logo, disclaimer, copyright.
2 V3.2 (17-Jan-2017)
• Features (p.1):
• Added Ultra-Thin WLCSP34 package (nominal thickness: 0.334 mm).
• Section 3 (Ordering Information), p.7:
• Added part number for Ultra-Thin WLCSP34: DA14581-00000VRA.
• Section 7.4 (Package Outlines), p.152:
• Added Figure 14 (Ultra-Thin WLCSP34 Package Outline).
3 V3.1 (10-Nov-2016)
• DA14581 qualified to Bluetooth Specification 4.2. Datasheet title and document content changed accordingly.
• Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
• Section 4.7.2 (Wake-Up Timer), p.13:
• Added minimum pulse width of 2 sleep clock cycles for wake-up via GPIO.
• Table 126 (SPI_CTRL_REG), p.93: Definition of SPI_MINT corrected:
• ICU changed to Interrupt Controller.
• Note on shared interrupts (SPI_INT and AD_INT) removed: not applicable.
• Figure 13 (WLCSP34 Package Outline Drawing), p.151:
• Drawing updated to Rev F. Reason: Min and Max values added for dimensions D and E (body size).
• Back page:
• Definition for datasheet status Final clarified.
• Disclaimer updated with trademarks statement.
• RoHS statement updated.
4 V3.0 (18-Dec-2015)
• Product status changed to Production, datasheet status changed to Final.
• Table 1 (Pin Description), p.6:
• Programming voltage on pin VPP corrected to 6.7 V ± 0.1 V.
• Ordering information moved to new section 3 (p.7):
• Table 2: Ordering information (samples).
• Table 3: Ordering information (production).
• Part number legend added.
• Figure 12 (p.171): Package outline drawing of QFN40 updated.
• Table 221 (P01_PADPWR_CTRL_REG), p.129:
• Notes 3 and 4 updated with limited output current capability in Boost mode.
• Table 222 (P2_PADPWR_CTRL_REG), p.129:
• Note 5 updated with limited output current capability in Boost mode.
• Table 223 (P3_PADPWR_CTRL_REG), p.130:
• Note 6 updated with limited output current capability in Boost mode.




Similar Part No. - DA14581

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14581 DIALOG-DA14581 Datasheet
1Mb / 152P
Low Power Bluetooth Smart SoC with optimized boot time
DA14581-00000VRA DIALOG-DA14581-00000VRA Datasheet
1Mb / 153P
Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT1 DIALOG-DA14581-00AT1 Datasheet
1Mb / 153P
Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT2 DIALOG-DA14581-00AT2 Datasheet
1Mb / 153P
Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00UNA DIALOG-DA14581-00UNA Datasheet
1Mb / 153P
Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
More results


Similar Description - DA14581

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8110 AGERE-T8110 Datasheet
2Mb / 222P
Version History
September 2001
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
The following revision history table summarizes changes contained in this document.
logo
Cyntec Co., Ltd.
CYNVA-175-002 CYNTEC-CYNVA-175-002 Datasheet
969Kb / 8P
The history of revision change for the specification
CYNVA-175-003 CYNTEC-CYNVA-175-003 Datasheet
983Kb / 9P
The history of revision change for the specification
CYNVC-19X-030 CYNTEC-CYNVC-19X-030 Datasheet
998Kb / 8P
The history of revision change for the specification
CYNVC-19X-031 CYNTEC-CYNVC-19X-031 Datasheet
971Kb / 8P
The history of revision change for the specification
CYNVC-19X-032 CYNTEC-CYNVC-19X-032 Datasheet
1Mb / 9P
The history of revision change for the specification
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
Revision History
07-Jan2022
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
Revision History
04-Jan-2022
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
Revision History
04-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com