Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14583 Datasheet (PDF) - Renesas Technology Corp

DA14583 Datasheet PDF - Renesas Technology Corp
Part # DA14583
Download  DA14583 Download
File Size   266.87 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Revision History

DA14583 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14583 Datasheet PDF - Renesas Technology Corp

Part # DA14583
Download  DA14583 Click to download

File Size   266.87 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Revision History

DA14583 Datasheet (HTML) - Renesas Technology Corp


DA14583 Product details

1 V3.1 (04-Jan-2022)
• Updated logo, disclaimer, copyright.
3 V2.0 (25-Aug-2016)
• Product status changed to Qualification, datasheet status changed to Preliminary.
• DA14583 qualified to Bluetooth Specification 4.2. Datasheet title and document content changed accordingly.
• Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
• Table 3 (Pin Description), p.5/6:
• Added note that the SPI pins of Port P2 shall not be remapped or used for any other purpose, because they are
used for accessing the internal Flash memory during booting.
• Section 3.3 (Memories), p.9:
• Added text on Advanced Bootloader to OTP description.
• Section 3.6.7 (Input/Output Ports), p.11:
• Note text updated: SPI pins cannot be remapped or used for any other purpose.
• Section 3.7.2 (Wake-Up Timer), p.12:
• Added minimum pulse width of 2 sleep clock cycles for wake-up via GPIO.
• Table 126 (SPI_CTRL_REG), p.92: Definition of SPI_MINT corrected:
• ICU changed to Interrupt Controller.
• Note on shared interrupts (SPI_INT and AD_INT) removed: not applicable.
• Figure 9 (QFN40 Package Outline Drawing), p.148:
• Drawing updated to Rev B. Reason: Min/Nom/Max values added for dimensions A, A1, A2, D and E.
• Template updated to new branding guidelines.
• Back page:
• Definition for datasheet status Final clarified.
• Disclaimer updated with trademarks statement.
• RoHS statement updated.
• Contact information updated.
4 V1.1 (March 6, 2015)
• Order numbers modified (Table1 and Table 2, p.4):
• DA14583-01AT1 changed to DA14583 - 01F01AT1
• DA14583-01AT2 changed to DA14583 - 01F01AT2
• Deep Sleep mode removed: not supported. Document updated accordingly in various places.
• Table 3 (Pin Description), p.6: OTP programming voltage on pin VPP corrected to 6.7 V ± 0.1 V.
• Table 276 (Flash memory: DC characteristics), p.141: conditions updated, typical values added.
• Figure 9 (QFN Package Outline Drawing), p.147: drawing updated.
• Product status changed to Production, datasheet status changed to Final.
• Notes added that DC-DC converter Boost mode is not supported, in section 5 (p.16) and section 7 (p.137).
2 V3.0 (04-Nov-2016)




Similar Part No. - DA14583

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14583-01F01AT1 DIALOG-DA14583-01F01AT1 Datasheet
1Mb / 150P
Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583-01F01AT2 DIALOG-DA14583-01F01AT2 Datasheet
1Mb / 150P
Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
Bluetooth Low Energy 4.2 SoC with Flash Memory
More results


Similar Description - DA14583

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8110 AGERE-T8110 Datasheet
2Mb / 222P
Version History
September 2001
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
The following revision history table summarizes changes contained in this document.
logo
Cyntec Co., Ltd.
CYNVA-175-002 CYNTEC-CYNVA-175-002 Datasheet
969Kb / 8P
The history of revision change for the specification
CYNVA-175-003 CYNTEC-CYNVA-175-003 Datasheet
983Kb / 9P
The history of revision change for the specification
CYNVC-19X-030 CYNTEC-CYNVC-19X-030 Datasheet
998Kb / 8P
The history of revision change for the specification
CYNVC-19X-031 CYNTEC-CYNVC-19X-031 Datasheet
971Kb / 8P
The history of revision change for the specification
CYNVC-19X-032 CYNTEC-CYNVC-19X-032 Datasheet
1Mb / 9P
The history of revision change for the specification
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
Revision History
07-Jan2022
DA14581 RENESAS-DA14581 Datasheet
190Kb / 4P
Revision History
30-Dec-2021
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
Revision History
04-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com