Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200MOD Datasheet (PDF) - Renesas Technology Corp

DA16200MOD Datasheet PDF - Renesas Technology Corp
Part # DA16200MOD
Download  DA16200MOD Download
File Size   1980.25 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Power Wi-Fi Module

DA16200MOD Datasheet (PDF)

Go To PDF Page Download Datasheet
DA16200MOD Datasheet PDF - Renesas Technology Corp

Part # DA16200MOD
Download  DA16200MOD Click to download

File Size   1980.25 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Power Wi-Fi Module

DA16200MOD Datasheet (HTML) - Renesas Technology Corp


DA16200MOD Product details

Key Features
■ Module variants
□ DA16200MOD-AAC4WA32 (chip Antenna)
□ DA16200MOD-AAE4WA32 (u.FL cont.)
■ Highly integrated ultra-low power Wi-Fi® system module
□ Sleep current: 3.5 uA, VBAT=3.3 V
■ Best RF Performance
□ Tx Power: +19 dBm, 1 Mbps DSSS
□ Rx Sensitivity: -98.5 dBm, 1 Mbps DSSS
■ Full offload: SoC runs full networking OS and TCP/IP stack
■ Wi-Fi processor
□ IEEE 802.11b/g/n, 1x1, 20 MHz channel bandwidth, 2.4 GHz
□ IEEE 802.11s Wi-Fi mesh
□ Wi-Fi security: WPA/WPA2-Enterprise/Personal, WPA2 SI, WPA3 SAE, and OWE
□ Vendor EAP types: EAP-TTLS/MSCHAPv2, PEAPv0/EAP-MSCHAPv2, PEAPv1, EAP-FAST, and EAP-TLS
□ Operating modes: Station, SoftAP, and Wi-Fi Direct® Modes (GO, GC, GO fixed)
□ WPS-PIN/PBC for easy Wi-Fi provisioning
□ Connection manager for autonomous and fast Wi-Fi connections
■ Built-in 4-channel auxiliary ADC for sensor interfaces
□ 12-bit SAR ADC: single-ended four channels
□ Provides dynamic auto switching function
■ Supports various interfaces
□ eMMC/SD expanded memory
□ SDIO Host/Slave function
□ QSPI for external flash control
□ Three UARTs
□ SPI Master/Slave interface
□ I2C Master/Slave interface
□ I2S for digital audio streaming
□ 4-channel PWM
□ Individually programmable, multiplexed GPIO pins
□ JTAG and SWD
■ Wi-Fi Alliance certifications:
□ Wi-Fi CERTIFIED™ b, g, n
□ WPA™ - Enterprise, Personal
□ WPA2™ - Enterprise, Personal
□ WPA3™ - Enterprise, Personal
■ RF Regulatory certifications
□ FCC, IC, CE, KC, TELEC, SRRC
■ CPU core subsystem




Similar Part No. - DA16200MOD

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA16200MOD DIALOG-DA16200MOD Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
logo
Renesas Technology Corp
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 29P
Ultra Low Power Wi-Fi SoC Module
Sept 20, 2024
logo
Dialog Semiconductor
DA16200MOD-AAC4WA32 DIALOG-DA16200MOD-AAC4WA32 Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
logo
Renesas Technology Corp
DA16200MOD-AAC4WA32 RENESAS-DA16200MOD-AAC4WA32 Datasheet
1Mb / 29P
Ultra Low Power Wi-Fi SoC Module
Sept 20, 2024
logo
Dialog Semiconductor
DA16200MOD-AAE4WA32 DIALOG-DA16200MOD-AAE4WA32 Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
More results


Similar Description - DA16200MOD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
Murata Manufacturing Co...
WSN802GCA-E MURATA-WSN802GCA-E Datasheet
358Kb / 1P
2.4 GHz Low Power Wi-Fi Radio Module
WSN802G-E MURATA-WSN802G-E Datasheet
358Kb / 2P
2.4 GHz Low Power Wi-Fi Radio Module
WSN802GP-E MURATA-WSN802GP-E Datasheet
358Kb / 2P
2.4 GHz Low Power Wi-Fi Radio Module
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
DA16200MOD DIALOG-DA16200MOD Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
DA16600MOD DIALOG-DA16600MOD Datasheet
1Mb / 26P
Ultra-Low Power Wi-Fi Bluetooth짰 LE Combo Module
logo
Renesas Technology Corp
DA16200 RENESAS-DA16200 Datasheet
3Mb / 154P
Ultra Low Power Wi-Fi SoC
04-Jan-2023
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com