Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet (PDF) - Renesas Technology Corp

DA16200 Datasheet PDF - Renesas Technology Corp
Part # DA16200
Download  DA16200 Download
File Size   3625.43 Kbytes
Page   154 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Power Wi-Fi SoC

DA16200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA16200 Datasheet PDF - Renesas Technology Corp

Part # DA16200
Download  DA16200 Click to download

File Size   3625.43 Kbytes
Page   154 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Power Wi-Fi SoC

DA16200 Datasheet (HTML) - Renesas Technology Corp


DA16200 Product details

General Description
The DA16200 is a highly integrated ultra-low power Wi-Fi system on a chip (SoC), which contains an
802.11b/g/n radio (PHY), a baseband processor, a media access controller (MAC), on-chip memory,
and a host networking application processor, all on a single silicon die.
The SoC enables full offload capabilities, running the entire networking stack on chip so that no
external network processor, CPU, or microcontroller is required, while many other SoCs optionally
use a microcontroller.
DA16200 is a synthesis of breakthrough ultra-low power technologies that enables extremely low
power operation in the SoC. DA16200 shuts down every micro element of the chip that is not in use,
which allows a near zero level of power consumption when not actively transmitting or receiving data.
Such low power operation can extend the battery life up to a year or more depending on the
application. DA16200 also enables ultra-low power transmitting and receiving modes when the SoC
needs to be awake to exchange information with other devices. Advanced algorithms enable staying
asleep until the exact moment required to wake up to transmit or receive.
The SoC is built from the ground up for the Internet of Things (IoT) and is ideal for door locks,
thermostats, sensors, pet trackers, asset trackers, sprinkler systems, connected lighting, video
cameras, video doorbells, wearables, and other IoT devices.

Key Features
■ Highly integrated ultra-low power Wi-Fi®
system on chip
■ Full offload: SoC runs full networking OS and
TCP/IP stack
■ Wi-Fi processor
□ IEEE 802.11b/g/n, 1×1, 20 MHz channel
bandwidth, 2.4 GHz
□ IEEE 802.11s Wi-Fi mesh
□ On-chip PA, LNA, and RF switch
□ Wi-Fi security: WPA/WPA2-
Enterprise/Personal, WPA2 SI, WPA3
SAE, and OWE
□ Vendor EAP types: EAPTTLS/MSCHAPv2, PEAPv0/EAPMSCHAPv2, PEAPv1, EAP-FAST, and
EAP-TLS
□ Operating modes: Station, SoftAP, and
Wi-Fi Direct® Modes (GO, GC, GO fixed)
□ WPS-PIN/PBC for easy Wi-Fi provisioning
□ Connection manager for autonomous and
fast Wi-Fi connections
□ Bluetooth coexistence
□ Antenna switching diversity
■ Built-in 4-channel auxiliary ADC for sensor
interfaces
□ 12-bit SAR ADC: single-ended four
channels
■ Direct code execution from the external serial
flash memory (XIP)
□ Provides dynamic auto switching function
■ Supports various interfaces
□ eMMC/SD expanded memory
□ SDIO Host/Slave function
□ QSPI for external flash control
□ Three UARTs
□ SPI Master/Slave interface
□ I2C Master/Slave interface
□ I2S for digital audio streaming
□ 4-channel PWM
□ Individually programmable, multiplexed
GPIO pins
□ JTAG and SWD
■ Wi-Fi Alliance certifications:
□ Wi-Fi CERTIFIED™ b, g, n
□ WPA™ - Enterprise, Personal
□ WPA2™ - Enterprise, Personal
□ WPA3™ - Enterprise, Personal
□ Wi-Fi Direct
□ Wi-Fi Enhanced Open™
□ WMM
□ WMM - Power Save
□ Wi-Fi Protected Setup™
■ CPU core subsystem
□ Arm® Cortex®-M4F core w/ clock
frequency of 30~160 MHz
□ ROM: 256 kB
■ Hardware accelerators
□ General HW CRC engine
□ HW zeroing function for fast booting
□ Pseudo random number generator
(PRNG)
■ Complete software stack
□ Comprehensive networking software stack
□ Provides TCP/IP stack: in the form of
network socket APIs
■ Advanced security
□ Secure booting
□ Secure debugging using JTAG/SWD and
UART ports
□ Secure asset storage
■ Built-in hardware crypto engines for advanced
security
□ TLS/DTLS security protocol functions
□ Crypto engine for key deliberate generic
security functions: AES (128,192,256),
DES/3DES, SHA1/224/256, RSA, DH,
ECC, CHACHA, and TRNG
□ SRAM: 512 kB
□ OTP: 2 kB
□ Retention Memory: 48 kB
■ Power management unit
□ On-Chip RTC
□ Wake-up control of fast booting or full
booting with minimal initialization time
□ Integrated DC-DC and LDOs
□ Supports three ultra-low power Sleep
modes
■ Clock source
□ 40 MHz crystal (± 20 ppm) for master
clock (initial + temp + aging)
□ 32.768 kHz crystal (± 250 ppm) for RTC
clock
□ Integrated 32 kHz RC oscillator
■ Supply
□ Single operating voltage: 2.1 V to 3.6 V
(typical: 3.3 V)
□ Digital I/O Supply Voltage: 1.8 V / 3.3 V
□ Black-out and brown-out detector
■ Package type
□ 6 mm × 6 mm, 0.4 mm pitch, 48-Pin, QFN
□ 3.8 mm × 3.8 mm, 0.4 mm pitch, 72-Pin,
fcCSP
■ Operating temperature range
□ -40 °C to 85 °C




Similar Part No. - DA16200

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
DA16200-00000A32 DIALOG-DA16200-00000A32 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
DA16200-00000F22 DIALOG-DA16200-00000F22 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
DA16200MOD DIALOG-DA16200MOD Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
logo
Renesas Technology Corp
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
Ultra Low Power Wi-Fi Module
04-Jan-2023
More results


Similar Description - DA16200

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5562 QORVO-RFPA5562 Datasheet
695Kb / 7P
Wi-Fi Power Amplifer
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
DA16200MOD DIALOG-DA16200MOD Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
DA16600MOD DIALOG-DA16600MOD Datasheet
1Mb / 26P
Ultra-Low Power Wi-Fi Bluetooth짰 LE Combo Module
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
logo
Renesas Technology Corp
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
Ultra Low Power Wi-Fi Module
04-Jan-2023
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
FC9000 RENESAS-FC9000 Datasheet
407Kb / 6P
Ultra Low Power Wi-Fi® SoC Full Offload System-on-Chip for IoT Applications
November 14, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com