Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 4Page - Renesas Technology Corp DA16200 Datasheet HTML 5Page - Renesas Technology Corp DA16200 Datasheet HTML 6Page - Renesas Technology Corp DA16200 Datasheet HTML 7Page - Renesas Technology Corp DA16200 Datasheet HTML 8Page - Renesas Technology Corp DA16200 Datasheet HTML 9Page - Renesas Technology Corp DA16200 Datasheet HTML 10Page - Renesas Technology Corp DA16200 Datasheet HTML 11Page - Renesas Technology Corp DA16200 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
8 of 153
© 2023 Renesas Electronics
Figure 74: DA16200 72-Pin fcCSP Package Dimensions................................................................. 143
Figure 75: DA16200 48-Pin QFN Land Pattern................................................................................. 144
Figure 76: DA16200 72-Pin FcCSP Land Pattern............................................................................. 145
Figure 77: Typical PCB Mounting Process Flow ............................................................................... 146
Figure 78: Reflow Condition .............................................................................................................. 147
Tables
Table 1: Pin Description ...................................................................................................................... 17
Table 2: Pin Type Definition ................................................................................................................ 18
Table 3: DA16200 Pin Multiplexing ..................................................................................................... 19
Table 4: Absolute Maximum Ratings................................................................................................... 20
Table 5: Recommended Operating Conditions ................................................................................... 20
Table 6: DC Parameters for Normal GPIOs, 1.8 V IO......................................................................... 21
Table 7: DC Parameters for Normal GPIOs, 3.3 V IO......................................................................... 21
Table 8: DC Parameters for RTC Block, 3.3 V VBAT ......................................................................... 22
Table 9: DC Parameters for RTC Block, 2.1 V VBAT ......................................................................... 22
Table 10: DC Parameters for Digital Wake-Up, 3.3 V VBAT and 1.8/3.3 V IO ................................... 22
Table 11: DC Parameters for Digital Wake-Up, 2.1 V VBAT and 1.8 V IO ......................................... 22
Table 12: WLAN Receiver Characteristics
– QFN .............................................................................. 23
Table 13: WLAN Receiver Characteristics
– fcCSP............................................................................ 23
Table 14: WLAN Transmitter Characteristics
– QFN .......................................................................... 24
Table 15: WLAN Transmitter Characteristics
– fcCSP (Normal Power Mode) ................................... 24
Table 16: WLAN Transmitter Characteristics
– fcCSP (Low Power Mode) ........................................ 25
Table 17: Current Consumption in Active State
– QFN ...................................................................... 26
Table 18: Current Consumption in Active State
– fcCSP (Normal Power Mode) ............................... 26
Table 19: Current Consumption in Active State
– fcCSP (Low Power Mode) .................................... 26
Table 20: Current Consumption in Low Power Operation................................................................... 27
Table 21: QFN Package ...................................................................................................................... 27
Table 22: fcCSP Package ................................................................................................................... 27
Table 23: Brown-Out and Black-Out Voltage Levels........................................................................... 28
Table 24: RTC Crystal Requirements ................................................................................................. 29
Table 25: WLAN Crystal Clock Requirements .................................................................................... 30
Table 26: Power On Sequence Timing Requirements ........................................................................ 31
Table 27: OTP Map ............................................................................................................................. 36
Table 28: RTC Pin Description ............................................................................................................ 38
Table 29: Wake-up Sources ................................................................................................................ 38
Table 30: I/O Power Domain ............................................................................................................... 39
Table 31: DMA1 Served Peripherals ................................................................................................... 43
Table 32: HW Accelerated Crypto Algorithms in DA16200 ................................................................. 49
Table 33: QSPI Master Timing Parameters ........................................................................................ 51
Table 34: SPI Master Pin Configuration .............................................................................................. 52
Table 35: SPI Master Timing Parameters ........................................................................................... 52
Table 36: Control Field of the 8-byte Control Type ............................................................................. 54
Table 37: Control Field of the 4-byte Control Type ............................................................................. 54
Table 38: SPI Slave Pin Configuration ................................................................................................ 54
Table 39: SPI Slave Timing Parameters ............................................................................................. 55
Table 40: SDIO Slave Pin Configuration ............................................................................................. 56
Table 41: SDIO Slave Timing Parameters .......................................................................................... 57
Table 42: I2C Master Pin Configuration .............................................................................................. 58
Table 43: I2C Master Timing Parameters ........................................................................................... 58
Table 44: I2C Slave Pin Configuration ................................................................................................ 59
Table 45: I2C Slave Timing Parameters ............................................................................................. 60
Table 46: SD/eMMC Master Pin Configuration ................................................................................... 61
Table 47: SD/eMMC Master Timing Parameters ................................................................................ 62
Table 48: I2S Pin Configuration .......................................................................................................... 63
Table 49: I2S Clock Selection Guide................................................................................................... 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com