Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 70Page - Renesas Technology Corp DA16200 Datasheet HTML 71Page - Renesas Technology Corp DA16200 Datasheet HTML 72Page - Renesas Technology Corp DA16200 Datasheet HTML 73Page - Renesas Technology Corp DA16200 Datasheet HTML 74Page - Renesas Technology Corp DA16200 Datasheet HTML 75Page - Renesas Technology Corp DA16200 Datasheet HTML 76Page - Renesas Technology Corp DA16200 Datasheet HTML 77Page - Renesas Technology Corp DA16200 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
74 of 153
© 2023 Renesas Electronics
9.10.5
Interrupts
The DA16200 UART block provides five interrupt signals by separate interrupt lines. Each interrupt
conditions are Modem Status, Receive FIFO Request, Transmit FIFO Request, Receive Timeout and
Reception Error. These conditions are logically ORed to provide a single combined interrupt,
UARTINTR. Table 55 shows the interrupt signals.
Table 55: UART Interrupt Signals
Signal Name
Description
UARTMSINTR
UART Modem Status Interrupt
UARTRXINTR
UART Receive FIFO Interrupt
UARTTXINTR
UART Transmit FIFO Interrupt
UARTRTINTR
UART Receive Timeout Interrupt
UARTEINTR
UART Error Interrupt
UARTINTR
UART Interrupt. Five Interrupt signals are combined by OR function
9.10.6
DMA Interface
The DA16200 UART block can generate DMA request signals with register settings by using a DMA
interrupt generator module to connect to DA16200 DMA Controller (DMA1). The DMA operation of
the UART is controlled with the DMA Control Register.
The DA16200 UART provides four DMA signals and receives two DMA signals, two signals to
transmit (TXDMASREQ, TXDMABREQ), which are cleared by a TX clear signal (TXDMACLR) and
two signals to receive (RXDMASREQ, RXDMABREQ), which are cleared by a RX clear signal
(RXDMACLR).
When the DMA interface is not used, the TXDMACLR and RXDMACLR lines should be connected to
a logic 0.
Table 56 shows the pin definition of the UART interface.
Table 56: UART Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
UART0_RXD
12
M10
I
UART0_RXD
UART0_TXD
11
L9
O
UART0_TXD
GPIOA7
31
E1
I
UART1_RXD
GPIOA5
33
D2
I
GPIOA3
36
D4
I
GPIOA1
38
C3
I
GPIOA6
32
E3
O
UART1_TXD
GPIOA4
34
F4
O
GPIOA2
37
B2
O
GPIOA0
39
A3
O
GPIOA5
33
D2
I
UART1_CTS
GPIOA4
34
F4
O
UART1_RTS
GPIOA11
27
G1
I
UART2_RXD
GPIOC7
9
K12
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com