Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 89Page - Renesas Technology Corp DA16200 Datasheet HTML 90Page - Renesas Technology Corp DA16200 Datasheet HTML 91Page - Renesas Technology Corp DA16200 Datasheet HTML 92Page - Renesas Technology Corp DA16200 Datasheet HTML 93Page - Renesas Technology Corp DA16200 Datasheet HTML 94Page - Renesas Technology Corp DA16200 Datasheet HTML 95Page - Renesas Technology Corp DA16200 Datasheet HTML 96Page - Renesas Technology Corp DA16200 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
93 of 153
© 2023 Renesas Electronics
Table 121: IntrType_Set2 (0x4001_7028)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
-
0x0000
Table 122: IntrType_Clr2 (0x4001_702C)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
-
0x0000
Table 123: IntrPol_Set2 (0x4001_7030)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
-
0x0000
Table 124: IntrPol_Clr2 (0x4001_7034)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
-
0x0000
Table 125: IntrStatus2 (0x4001_7038)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
-
0x0000
Table 126: Func_Out_En2 (0x4001_703C)
Bit
Mode
Symbol
Description
Reset
12:0
R/W
-
Alternate Function Output Enable for GPIOC
1 = enable
0 = disable
[12]: UART2_TXDOE enable
[11]: UART1_TXDOE enable
[10]: UART0_TXDOE enable
[9]: RF_SW2 enable
[8]: RF_SW1 enable
[7]: mSPI_CSB[3] enable
[6]: mSPI_CSB[2] enable
[5]: mSPI_CSB[1] enable
[4]: Ext_Intr enable
[3]: PWM_OUT[3] enable
[2]: PWM_OUT[2] enable
[1]: PWM_OUT[1] enable
[0]: PWM_OUT[0] enable
0x0000
Table 127: PWM_OutSel2 (0x4001_7FC0)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
-
PWM_OUT[3:0] port selection for GPIOC
[15:12]: port selection of the PWM_OUT[3]
[11: 8]: port selection of the PWM_OUT[2]
[7: 4]:
port selection of the PWM_OUT[1]
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com