Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp DA16200 Datasheet HTML 62Page - Renesas Technology Corp DA16200 Datasheet HTML 63Page - Renesas Technology Corp DA16200 Datasheet HTML 64Page - Renesas Technology Corp DA16200 Datasheet HTML 65Page - Renesas Technology Corp DA16200 Datasheet HTML 66Page - Renesas Technology Corp DA16200 Datasheet HTML 67Page - Renesas Technology Corp DA16200 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
64 of 153
© 2023 Renesas Electronics
9.7.2
I2S Clock Scheme
The I2S uses a 24 MHz clock as default from the RF reference clock (40 MHz), so it can support
46.875 KHz of sampling rate. External clock sources are needed to support the standard sampling
rate. See Table 49.
Figure 39: I2S Clock Scheme
Table 49: I2S Clock Selection Guide
Parameter
Units
LRCK
Fs
8
12
16
24
32
44.1
46.875
48
KHz
BCLK
64Fs
0.512
0.768
1.024
1.536
2.048
2.8224
3
3.072
MHz
MCLK
512Fs
4.096
6.144
8.192
12.288
16.384
22.5792
24
24.576
MHz
Clk Div2
N
(=1,2,3…)
6
4
3
2
2
1
1
1
I2S_CLK
24.576
24.576
24.576
24.576
32.768
22.5792
24
(Internal
PLL)
24.576
MHz
NOTE
To confirm the exact LRCK operation, drive the Clock source at I2S_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com