Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 93Page - Renesas Technology Corp DA16200 Datasheet HTML 94Page - Renesas Technology Corp DA16200 Datasheet HTML 95Page - Renesas Technology Corp DA16200 Datasheet HTML 96Page - Renesas Technology Corp DA16200 Datasheet HTML 97Page - Renesas Technology Corp DA16200 Datasheet HTML 98Page - Renesas Technology Corp DA16200 Datasheet HTML 99Page - Renesas Technology Corp DA16200 Datasheet HTML 100Page - Renesas Technology Corp DA16200 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
97 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
11:8
RO
-
Error status for data read. These bits cannot be read
when UART_WAEN is enabled.
[11] Overrun Error
[10] Break Error
[9] Parity Error
[8] Framing Error
0x0
7:0
R/W
DATA
Receive data bits for data read
Transmit data bits for data write
0x00
Table 133: UART_RXSTS / UART_ERRCLR (0x004)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x00
7:0
WO
-
UART_ERRCLR, A write to this register clears every
error. The value is not important
0x00
7:4
RO
-
UART_RXSTS, Reserved
0x0
3:0
RO
-
UART_RXSTS, UART error status
[3] Overrun error
[2] Break error
[1] Parity error
[0] Framing error
0x0
Table 134: UART_FLAG (0x018)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x00
7:4
RO
-
The status of FIFOs
[7] TXFE, Transmit FIFO empty
[6] RXFF, Receive FIFO full
[5] TXFF, Transmit FIFO full
[4] RXFE, Receive FIFO empty
0x9
3
RO
BUSY
UART busy. This bit is set to 1 as soon as the transmit
FIFO becomes non-empty
0x0
2:0
-
-
Reserved
0x0
Table 135: UART_INTBRDIV (0x024)
Bit
Mode
Symbol
Description
Reset
15:0
R/W
IBRD
Integer baud rate divisor
0x0000
Table 136: UART_FRABRDIV (0x028)
Bit
Mode
Symbol
Description
Reset
15:6
-
-
Reserved
0x000
5:0
R/W
FBRD
Fractional baud rate divisor
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com