Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 77Page - Renesas Technology Corp DA16200 Datasheet HTML 78Page - Renesas Technology Corp DA16200 Datasheet HTML 79Page - Renesas Technology Corp DA16200 Datasheet HTML 80Page - Renesas Technology Corp DA16200 Datasheet HTML 81Page - Renesas Technology Corp DA16200 Datasheet HTML 82Page - Renesas Technology Corp DA16200 Datasheet HTML 83Page - Renesas Technology Corp DA16200 Datasheet HTML 84Page - Renesas Technology Corp DA16200 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
81 of 153
© 2023 Renesas Electronics
Address
Register
Description
0x4001_0028
IntrType_Set0
0x4001_002C
IntrType_Clr0
0x4001_0030
IntrPol_Set0
0x4001_0034
IntrPol_Clr0
0x4001_0038
IntrStatus0
0x4001_003C
Func_Out_En0
Alternate Function output enable for GPIOA
0x4001_0FC0
PWM_OutSel0
PWM_OUT[3:0] port selection for GPIOA
0x4001_0FC4
mSPI_CS_OutSel0
mSPI_CSB[3:1] and Ext_Intr port selection for GPIOA
0x4001_0FC8
RF_SW_OutSel0
RF_SW[2:1] port selection for GPIOA
0x4001_0FCC
UART_OutSel0
UART_TXDOE[3:0] port selection for GPIOA
0x4001_1000
DataIn1
GPIOB Input value
0x4001_1004
DataOut1
GPIOB Output value
0x4001_1008
reserved
0x4001_100C
reserved
0x4001_1010
DataOut_Set1
GPIOB Data output enable set
0x4001_1014
DataOut_Clr1
GPIOB Data output clear
0x4001_1018
AltFunc_Set1
GPIOB Alternate Function output enable set
0x4001_101C
AltFunc_Clr1
GPIOB Alternate Function output clear
0x4001_1020
IntrEn_Set1
GPIOB Interrupt set
0x4001_1024
IntrEn_Clr1
GPIOB Interrupt clear
0x4001_1028
IntrType_Set1
0x4001_102C
IntrType_Clr1
0x4001_1030
IntrPol_Set1
0x4001_1034
IntrPol_Clr1
0x4001_1038
IntrStatus1
0x4001_103C
Func_Out_En1
Alternate Function output enable for GPIOB
0x4001_1FC0
PWM_OutSel1
PWM_OUT[3:0] port selection for GPIOB
0x4001_1FC4
mSPI_CS_OutSel1
mSPI_CSB[3:1] and Ext_Intr port selection for GPIOB
0x4001_1FC8
RF_SW_OutSel1
RF_SW[2:1] port selection for GPIOB
0x4001_1FCC
UART_OutSel1
UART_TXDOE[3:0] port selection for GPIOB
0x4001_7000
DataIn2
GPIOC Input value
0x4001_7004
DataOut2
GPIOC Output value
0x4001_7008
reserved
0x4001_700C
reserved
0x4001_7010
DataOut_Set2
GPIOC Data output enable set
0x4001_7014
DataOut_Clr2
GPIOC Data output clear
0x4001_7018
AltFunc_Set2
GPIOC Alternate Function output enable set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com