Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 64Page - Renesas Technology Corp DA16200 Datasheet HTML 65Page - Renesas Technology Corp DA16200 Datasheet HTML 66Page - Renesas Technology Corp DA16200 Datasheet HTML 67Page - Renesas Technology Corp DA16200 Datasheet HTML 68Page - Renesas Technology Corp DA16200 Datasheet HTML 69Page - Renesas Technology Corp DA16200 Datasheet HTML 70Page - Renesas Technology Corp DA16200 Datasheet HTML 71Page - Renesas Technology Corp DA16200 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
68 of 153
© 2023 Renesas Electronics
Table 52: DC Specification
Description
Min
Typ
Max
Unit
Resolution
4
12
12
Bits
Max clock input
15
MHz
Conversion frequency
1
MHz
Accuracy:
● SNR
● SNDR
● 67.2
● 61.7
● dB
● dB
Analog input voltage
0
1.4
V
Reference voltage
0.7
V
9.8.3
DMA Transfer
There are four ADC channel settings available. Once the input data of each channel reaches the
FIFO level, it is possible to read the data through the DMA path.
9.8.4
Sensor Wake-up
The DA16200 has an external sensor wake-up function that uses the analog input signal through an
Aux ADC. Even in Sleep mode 2/3, it detects the change of an external analog signal, wakes up from
Sleep mode 2/3, and converts the DA16200 into a normal operation. This function can be used in up
to four channels. Also, when multiple external sensors are used, analog signals are detected while
the channel are automatically changed. For example, if all four channels are set as input sources
which have their threshold register respectively, the channels are measured sequentially from 0 to 3.
If one of the four values exceed the allowed range of values set by the threshold register, the
DA16200 awakes from the Sleep mode 2/3. The value setting of the input change can be either over
threshold or under threshold.
9.8.5
ADC Ports
Table 53 shows the pin definition of the ADC.
Table 53: ADC Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOA3
36
D4
A
Analog signal
GPIOA2
37
B2
A
Analog signal
GPIOA1
38
C3
A
Analog signal
GPIOA0
39
A3
A
Analog signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com