Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 3Page - Renesas Technology Corp DA16200 Datasheet HTML 4Page - Renesas Technology Corp DA16200 Datasheet HTML 5Page - Renesas Technology Corp DA16200 Datasheet HTML 6Page - Renesas Technology Corp DA16200 Datasheet HTML 7Page - Renesas Technology Corp DA16200 Datasheet HTML 8Page - Renesas Technology Corp DA16200 Datasheet HTML 9Page - Renesas Technology Corp DA16200 Datasheet HTML 10Page - Renesas Technology Corp DA16200 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
7 of 153
© 2023 Renesas Electronics
Figure 15: Memory Map: Peripherals .................................................................................................. 37
Figure 16: Pulse Counter Block Diagram ............................................................................................ 40
Figure 17: DMA1 Controller Block Diagram ........................................................................................ 42
Figure 18: DMA1 State Machine ......................................................................................................... 43
Figure 19: DMA2 Block Diagram ......................................................................................................... 45
Figure 20: Watchdog Timer Block Diagram ........................................................................................ 46
Figure 21: Watchdog Operation Flow Diagram ................................................................................... 47
Figure 22: Clock Tree Diagram ........................................................................................................... 48
Figure 23: QSPI Master Block Diagram .............................................................................................. 51
Figure 24: QSPI Master Timing Diagram (Mode 0)............................................................................. 51
Figure 25: SPI Master Timing Diagram (Mode 0)................................................................................ 52
Figure 26: SPI Slave Block Diagram ................................................................................................... 53
Figure 27: 8-byte Control Type............................................................................................................ 53
Figure 28: 4-byte Control Type............................................................................................................ 53
Figure 29: SPI Slave Timing Diagram ................................................................................................. 55
Figure 30: SDIO Slave Block Diagram ................................................................................................ 56
Figure 31: SDIO Slave Timing Diagram .............................................................................................. 57
Figure 32: SDIO Pull-up Resistor ........................................................................................................ 57
Figure 33: I2C Master Timing Diagram ............................................................................................... 58
Figure 34: I2C Slave Timing Diagram ................................................................................................. 60
Figure 35: I2C Pull-up Resistor ........................................................................................................... 61
Figure 36: SD/eMMC Block Diagram .................................................................................................. 62
Figure 37: SD/eMMC Master Timing Diagram .................................................................................... 62
Figure 38: I2S Block Diagram.............................................................................................................. 63
Figure 39: I2S Clock Scheme.............................................................................................................. 64
Figure 40: I2S Timing Diagram ........................................................................................................... 65
Figure 41: Left Justified Mode Timing Diagram................................................................................... 65
Figure 42: Right Justified Mode Timing Diagram ................................................................................ 65
Figure 43: I2S Transmit Timing Diagram ............................................................................................ 65
Figure 44: I2S Receive Timing Diagram ............................................................................................. 65
Figure 45: ADC Control Block Diagram............................................................................................... 67
Figure 46: 12-bit ADC Timing Diagram ............................................................................................... 67
Figure 47: Antenna Switching Internal Block Diagram ........................................................................ 69
Figure 48: Antenna Switching Timing Diagram ................................................................................... 70
Figure 49: DA16200 UART Block Diagram ......................................................................................... 71
Figure 50: Serial Data Format ............................................................................................................. 72
Figure 51: Receiver Serial Data Sampling Points ............................................................................... 72
Figure 52: UARTTXDOE Output Signal for UART RS-485 ................................................................. 72
Figure 53: UART Hardware Flow Control............................................................................................ 73
Figure 54: PWM Block Diagram .......................................................................................................... 75
Figure 55: PWM Timing Diagram ........................................................................................................ 76
Figure 56: JTAG Timing Diagram........................................................................................................ 76
Figure 57: Bluetooth Coexistence Interface ........................................................................................ 78
Figure 58: Bluetooth Coexistence Interface (Antenna Switch)............................................................ 79
Figure 59: PIN MUX Table .................................................................................................................. 94
Figure 60: PIN MUX Table (Continued) .............................................................................................. 95
Figure 61: Typical Application
– QFN, 3.3 V Flash ........................................................................... 133
Figure 62: Typical Application
– QFN, 1.8 V Flash ........................................................................... 135
Figure 63: Typical Application
– fcCSP, 1.8 V Flash, Normal Power Mode...................................... 137
Figure 64: Typical Application
– fcCSP, 1.8 V Flash, Low Power Mode........................................... 139
Figure 65: DA16200 48-Pin QFN Package ....................................................................................... 141
Figure 66: DA16200 72-Pin fcCSP Package..................................................................................... 141
Figure 67: Top View .......................................................................................................................... 142
Figure 68: Bottom View ..................................................................................................................... 142
Figure 69: Side View ......................................................................................................................... 142
Figure 70: DA16200 48-Pin QFN Package Dimensions ................................................................... 142
Figure 71: Top View .......................................................................................................................... 143
Figure 72: Bottom View ..................................................................................................................... 143
Figure 73: Side View ......................................................................................................................... 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com