Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 78Page - Renesas Technology Corp DA16200 Datasheet HTML 79Page - Renesas Technology Corp DA16200 Datasheet HTML 80Page - Renesas Technology Corp DA16200 Datasheet HTML 81Page - Renesas Technology Corp DA16200 Datasheet HTML 82Page - Renesas Technology Corp DA16200 Datasheet HTML 83Page - Renesas Technology Corp DA16200 Datasheet HTML 84Page - Renesas Technology Corp DA16200 Datasheet HTML 85Page - Renesas Technology Corp DA16200 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
82 of 153
© 2023 Renesas Electronics
Address
Register
Description
0x4001_701C
AltFunc_Clr2
GPIOC Alternate Function output clear
0x4001_7020
IntrEn_Set2
GPIOC Interrupt set
0x4001_7024
IntrEn_Clr2
GPIOC Interrupt clear
0x4001_7028
IntrType_Set2
0x4001_702C
IntrType_Clr2
0x4001_7030
IntrPol_Set2
0x4001_7034
IntrPol_Clr2
0x4001_7038
IntrStatus2
0x4001_703C
Func_Out_En2
Alternate Function output enable for GPIOC
0x4001_7FC0
PWM_OutSel2
PWM_OUT[3:0] port selection for GPIOC
0x4001_7FC4
mSPI_CS_OutSel2
mSPI_CSB[3:1] and Ext_Intr port selection for GPIOC
0x4001_7FC8
RF_SW_OutSel2
RF_SW[2:1] port selection for GPIOC
0x4001_7FCC
UART_OutSel2
UART_TXDOE[3:0] port selection for GPIOC
Table 63: FSEL_GPIO1 (0x5000_1208)
Bit
Mode
Symbol
Description
Reset
31:30
R/W
Pin function selection for GPIOA[15]
0x3F61_1389
29:28
Pin function selection for GPIOA[14]
27:26
Pin function selection for GPIOA[13]
25:24
Pin function selection for GPIOA[12]
22:20
Pin function selection for GPIOA[11:10]
19:16
Pin function selection for GPIOA[9:8]
15:12
Pin function selection for GPIOA[7:6]
11:8
Pin function selection for GPIOA[5:4]
7:4
Pin function selection for GPIOA[3:2]
3:0
Pin function selection for GPIOA[1:0]
* See Figure 60
Table 64: FSEL_GPIO2 (0x5000_120C)
Bit
Mode
Symbol
Description
Reset
21:20
R/W
-
Pin function selection for GPIOC[8:6]
0x002E_AA00
19:18
Pin function selection for GPIOC[5:4]
17:16
Pin function selection for GPIOC[3:2]
15:14
Pin function selection for GPIOC[1:0]
13:12
Pin function selection for GPIOB[11:8]
11:10
Pin function selection for GPIOB[7:4]
9:8
Pin function selection for GPIOB[3:0]
6:4
Pin function selection for GPIOC[14:13]
3:0
Pin function selection for GPIOC[12:9]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com