Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 24Page - Renesas Technology Corp DA16200 Datasheet HTML 25Page - Renesas Technology Corp DA16200 Datasheet HTML 26Page - Renesas Technology Corp DA16200 Datasheet HTML 27Page - Renesas Technology Corp DA16200 Datasheet HTML 28Page - Renesas Technology Corp DA16200 Datasheet HTML 29Page - Renesas Technology Corp DA16200 Datasheet HTML 30Page - Renesas Technology Corp DA16200 Datasheet HTML 31Page - Renesas Technology Corp DA16200 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
28 of 153
© 2023 Renesas Electronics
5.7
Brown-Out and Black-Out
The device enters a brown-out condition whenever the input voltage dips below VBROWN (see
Table 23). This condition must be considered during design of the power supply routing, especially if
the SoC is operated from a battery. High-current operations, like TX operation, cause a dip in the
supply voltage, potentially triggering a Brown-Out. The resistance includes the internal resistance of
the battery, contact resistance of the battery holder (for example, four contacts for two AA batteries),
wiring resistance, and PCB routing resistance.
VBAT(V)
Time(sec)
Time(sec)
Time(sec)
BR_OUT_VBAT(V)
BL_OUT_VBAT(V)
Black-Out Detector
Hysteresis
Brown-Out Detector Hysteresis
Battery Discharge
-> Battery Voltage is down
Enter "Brown-Out" Condition
Enter "Black-Out" Condition
Exit "Black-Out" Condition
Exit "Brown-Out" Condition
Normal operated Condition
Brown-Out
Operated
Condition
Black-Out Operated Condition
Brown-Out
Operated
Condition
Normal operated Condition
Figure 6: Brown-Out and Black-Out Levels
Brown-out and black-out conditions only operate in normal mode. The black-out condition is
equivalent to a hardware reset event in which all states within the device are lost. Table 23 lists the
brown-out and black-out voltage levels.
Table 23: Brown-Out and Black-Out Voltage Levels
Condition
Voltage
Hysteresis
Operation
Vbrown-out
2.10 V (Note 1)
90 mV
S/W Control
Vblack-out
1.75 V (Note 1)
90 mV
Full boot
Note 1
Recommended voltage level. Adjustable depending on the application condition.
5.8
Clock Electrical Characteristics
DA16200 needs two clock sources. One is the 32.768 kHz clock used by the RTC block, and the
other is the 40 MHz clock for the internal processor and Wi-Fi system. More specifically, the 40 MHz
clock is used as a source clock for the internal PLL, while the PLL output is used for the internal
processor and Wi-Fi system block.
5.8.1
RTC Clock Source
The 32.768 kHz RTC clock source is necessary for the free-running counter in the RTC block. The
RTC block of the SoC contains an internal 32.768 kHz RC oscillator as well, which is used as a clock
for chip initialization before the external 32.768 kHz crystal reaches the stable time in the initial stage.
It is necessary to convert it into an external clock for accurate clock counting after the initialization
stage. This process is executed through the register setting. Table 24 shows the suitable loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com