Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 51Page - Renesas Technology Corp DA16200 Datasheet HTML 52Page - Renesas Technology Corp DA16200 Datasheet HTML 53Page - Renesas Technology Corp DA16200 Datasheet HTML 54Page - Renesas Technology Corp DA16200 Datasheet HTML 55Page - Renesas Technology Corp DA16200 Datasheet HTML 56Page - Renesas Technology Corp DA16200 Datasheet HTML 57Page - Renesas Technology Corp DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
55 of 153
© 2023 Renesas Electronics
Figure 29 shows the timing diagram for the SPI slave.
SPI_CSB
SPI_CLK
(CPOL=0)
SPI_MOSI
SPI_MISO
TSCLKL
TMSU
TMHD
TSSU
MSB
LSB
LSB
TSCLKH
TSCLKOFF
TSCLKON
TTR
TCSBOFF
SPI_CLK
(CPOL=1)
TSCLKL
TSCLKH
Figure 29: SPI Slave Timing Diagram
Table 39 lists the timing parameters for the SPI slave.
Table 39: SPI Slave Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
SCLK frequency
FSCLK
-
-
50
MHz
SCLK clock duty
40
%
Non active duration
TSCLKOFF
400
-
-
ns
1st CLK active rising transition time
TSCLKON
TSCLKL(CPOL=0)
TSCLKH (CPOL=1)
-
-
ns
CSB non active rising transition time
TCSBOFF
TSCLKH (CPOL=0)
TSCLKL (CPOL=1)
-
-
ns
MOSI setup time
TMSU
8
-
TSCLK
(Note 1)
ns
MOSI hold time
TMHD
8
-
TSCLK
ns
MISO delay time
TSSU
-
-
8
ns
MISO transition time (10 % to 90 %
transition)
TTR
-
4
5
ns
Note 1
TSCLK = 0.5 × (FSCLK x 106)-1 second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com