Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 10Page - Renesas Technology Corp DA16200 Datasheet HTML 11Page - Renesas Technology Corp DA16200 Datasheet HTML 12Page - Renesas Technology Corp DA16200 Datasheet HTML 13Page - Renesas Technology Corp DA16200 Datasheet HTML 14Page - Renesas Technology Corp DA16200 Datasheet HTML 15Page - Renesas Technology Corp DA16200 Datasheet HTML 16Page - Renesas Technology Corp DA16200 Datasheet HTML 17Page - Renesas Technology Corp DA16200 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
14 of 153
© 2023 Renesas Electronics
● Kernel layer
○ Real Time Operating System
● The Wi-Fi layer is divided into four layers:
○ Lower MAC
– SW module to control/handle HW Wi-Fi MAC/PHY and interfaces with Upper MAC layer
○ Upper MAC
– SW module to control/handle Wi-Fi control/handle to interface with supplicant
– Wi-Fi Link layer: Interface layer between Upper MAC and supplicant
– Supplicant: SW module to control/management to operate Wi-Fi operation
○ Network subsystem layer
– Used to control/handle network operation
– Main protocols are IP, TCP, and UDP
– Other necessary protocols are supported
○ Security layer
– Crypto operation engine is ported to use crypto HW engine
● TLS/TCP and DTLS/UDP APIs are supported to handle security operation:
○ User application layer
– Various sample code is available in the SDK – the sample code shows how to use the
supported APIs
– TCP Client/Server, UDP Client/Server, TLS Client/Server
– HTTP/HTTPs download, OTA Update usage, and MQTT usage
Customer applications can be included and implemented easily in the SDK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com