Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 95Page - Renesas Technology Corp DA16200 Datasheet HTML 96Page - Renesas Technology Corp DA16200 Datasheet HTML 97Page - Renesas Technology Corp DA16200 Datasheet HTML 98Page - Renesas Technology Corp DA16200 Datasheet HTML 99Page - Renesas Technology Corp DA16200 Datasheet HTML 100Page - Renesas Technology Corp DA16200 Datasheet HTML 101Page - Renesas Technology Corp DA16200 Datasheet HTML 102Page - Renesas Technology Corp DA16200 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
99 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
7:1
-
-
Reserved
0x00
0
R/W
UARTEn
UART enable
0 = UART is disabled
1 = UART is enabled
0x0
Table 139: UART_INTFLS (0x034)
Bit
Mode
Symbol
Description
Reset
15:6
-
-
Reserved
0x000
5:3
R/W
RXIFLS
UART receive interrupt FIFO level select. The receive
interrupt occurs as follows:
b'000 = Receive FIFO ≥ 1/8 full
b'001 = Receive FIFO ≥ 1/4 full
b'010 = Receive FIFO ≥ 1/2 full
b'011 = Receive FIFO ≥ 3/4 full
b'100 = Receive FIFO ≥ 7/8 full
b'101 b'111 = Reserved
0b010
2:0
R/W
TXIFLS
UART transmit interrupt FIFO level select. The
transmit interrupt occurs as follows:
b'000 = Transmit FIFO ≤ 1/8 full
b'001 = Transmit FIFO ≤ 1/4 full
b'010 = Transmit FIFO ≤ 1/2 full
b'011 = Transmit FIFO ≤ 3/4 full
b'100 = Transmit FIFO ≤ 7/8 full
b'101 b'111 = Reserved
0b010
Table 140: UART_INTMSKSC (0x038)
Bit
Mode
Symbol
Description
Reset
15:11
-
-
Reserved
0x00
10:7
R/W
-
Error interrupt mask
[10] = Overrun error interrupt mask
[9] = Break error interrupt mask
[8] = Parity error interrupt mask
[7] = Framing error interrupt mask
0x0
6
R/W
RXTIM
Receive timeout interrupt mask
0x0
5
R/W
TXIM
Transmit interrupt mask
0x0
4
R/W
RXIM
Receive interrupt mask
0x0
3:0
-
-
Reserved
0x0
Table 141: UART_INTMSKSTS (0x040)
Bit
Mode
Symbol
Description
Reset
15:11
-
-
Reserved
0x00
10:7
RO
-
Error interrupt mask
[10] = Overrun error interrupt mask
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com