Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 99Page - Renesas Technology Corp DA16200 Datasheet HTML 100Page - Renesas Technology Corp DA16200 Datasheet HTML 101Page - Renesas Technology Corp DA16200 Datasheet HTML 102Page - Renesas Technology Corp DA16200 Datasheet HTML 103Page - Renesas Technology Corp DA16200 Datasheet HTML 104Page - Renesas Technology Corp DA16200 Datasheet HTML 105Page - Renesas Technology Corp DA16200 Datasheet HTML 106Page - Renesas Technology Corp DA16200 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
103 of 153
© 2023 Renesas Electronics
Table 150: I2S_STATUS (0x4001_400C)
Bit
Mode
Symbol
Description
Reset
5:0
R
Status
[5]: Rx FIFO Not Empty
[4]: Rx FIFO Full
[2]: BUSY
[1]: Tx FIFO Not FULL
[0]: Tx FIFO EMPTY
Table 151: I2S_IMASK (0x4001_4014)
Bit
Mode
Symbol
Description
Reset
3
R/W
TXIM
Tx FIFO Interrupt DMA TX request Mask
When TX FIFO arrives at half size.
1 = Enable
0 = Disable
1'b0
2
R/W
RXIM
Rx FIFO Interrupt DMA RX request Mask
When RX FIFO arrives at half size.
1 = Enable
0 = Disable
1'b0
1
R/W
RTIM
Rx Receive Timeout Interrupt Mask
1 = Enable
0 = Disable
Reserved. Not used.
1'b0
0
R/W
RORIM
Rx Over Run Interrupt DMA RX request Mask
When RX FIFO arrives at full size.
1 = Enable
0 = Disable
1'b0
Table 152: I2S_ICR (0x4001_4020)
Bit
Mode
Symbol
Description
Reset
0
R/W
RORIC
Rx Over Run Interrupt DMA RX request Clear
1'b0
Table 153: I2S_DMACR (0x4001_4024)
Bit
Mode
Symbol
Description
Reset
1
R/W
TXDMAE
Tx DMA Enable
1 = Enable
0 = Disable
1'b0
0
R/W
RXDMAE
Rx DMA Enable
1 = Enable
0 = Disable
1'b0
Table 154: I2S_CLK_SEL (0x5000_1314)
Bit
Mode
Symbol
Description
Reset
2:0
R/W
-
FNPLL frequency divider factor register
3'h0: no clock
3'h1: FNPLL 1/2
3'b000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com