Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 100Page - Renesas Technology Corp DA16200 Datasheet HTML 101Page - Renesas Technology Corp DA16200 Datasheet HTML 102Page - Renesas Technology Corp DA16200 Datasheet HTML 103Page - Renesas Technology Corp DA16200 Datasheet HTML 104Page - Renesas Technology Corp DA16200 Datasheet HTML 105Page - Renesas Technology Corp DA16200 Datasheet HTML 106Page - Renesas Technology Corp DA16200 Datasheet HTML 107Page - Renesas Technology Corp DA16200 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
104 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
3'h2: FNPLL 1/4
3'h3: FNPLL 1/8
10.4 SDeMMC Register
The SD/eMMC host IP provides the function for DA16200 to access SD or eMMC cards. This
SD/eMMC host IP only supports a 4-bit data bus and the maximum clock rate is 50 MHz.
Address
Register
Description
Common control for SDeMMC Pin Status
0x5003_0000
HIF_CTRL0
I2S Control Register 0
0x5003_0004
HIF_EVNT_CTRL
I2S Control Register 1
0x5003_0008
HIF_INT_CTRL
I2S Data Register
0x5003_000C
HIF_CLK_CNT_CTRL
I2S Status Register
0x5003_0010
HIF_CMD_ARG
0x5003_0014
HIF_CMD_IDX
I2S Interrupt Mask Register
0x5003_0018
HIF_CMD_ARGQ
0x5003_001C
HIF_CND_IDXQ
0x5003_0020
HIF_PAD_CTRL
I2S Rx Overrun Interrupt Clear Register
0x5003_0024
HIF_BLK_LG
I2S DMA Enable Register
0x5003_0028
HIF_BLK_CNT
0x5003_002C
Reserved
0x5003_0030
HIF_RSP_TMO_CNT
0x5003_0034
HIF_RD_TMO_CNT
0x5003_0038
HIF_WB_TMO_CNT
0x5003_003C
HIF_RSP_CIX_ST
0x5003_0040
HIF_RSP_ARG_0
0x5003_0044
HIF_RSP_ARG_1
0x5003_0048
HIF_RSP_ARG_2
0x5003_004C
HIF_RSP_ARG_3
0x5003_0050
HIF_AHB_SA
0x5003_0054
HIF_AHB_EA
0x5003_0058
Reserved
0x5003_005C
Reserved
0x5003_0060
HIF_BUS_ST
0x5003_0064
HIF_SM_ST
0x5003_0068
HIF_XTR_CNT
0x5003_006C
HIF_ERR_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com