Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 28Page - Renesas Technology Corp DA16200 Datasheet HTML 29Page - Renesas Technology Corp DA16200 Datasheet HTML 30Page - Renesas Technology Corp DA16200 Datasheet HTML 31Page - Renesas Technology Corp DA16200 Datasheet HTML 32Page - Renesas Technology Corp DA16200 Datasheet HTML 33Page - Renesas Technology Corp DA16200 Datasheet HTML 34Page - Renesas Technology Corp DA16200 Datasheet HTML 35Page - Renesas Technology Corp DA16200 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
32 of 153
© 2023 Renesas Electronics
6.2
Power Management Unit
DA16200 has one internal DC-DC converter and several LDOs to supply power to all internal sub-
blocks. Power management does the on-off control of these regulators and is implemented through
the register setting inside the RTC block.
RF Block
Digital Core /
Memory
Flash control
/ External
Flash Memory
RTC Block
DCDC
DIG_LDO
1.4V
1.1V
VDD_PA, VDD_RF
VDD_FDIO
VBAT
FDIO_LDO 1.8V
GPIOs
VDD_DIO1
VDD_DIO2
QFN,
fcCSP normal power
fcCSP low power
Using the same power supply as
external device ( ex.CPU) ( 1.8V or 3.3V)
Figure 12: Power Management Block Diagram
Details of the internal DC-DC converters and LDOs are explained below:
● DC-DC converter: from the power supply of external VBAT input, it generates 1.4 V power for the
digital LDO and RF block
● LDO for digital Blocks: from the DC-DC output, it generates 1.1 V power which is used for digital
blocks
● LDO for I/O and external flash memory:
○ This LDO output is used only for 1.8 V digital I/O applications
○ From external VBAT power input, it generates 1.8 V output voltage which is used for digital
I/O power domain in 1.8 V digital I/O applications
○ It is also used for external flash memory
○ For 3.3 V digital I/O applications, external power (3.3 V) is directly supplied for digital I/O
power
● FDIO_LDO_OUT supports only 1.8 V
With the internal DC-
DC converters and LDOs, all the power necessary for DA16200’s internal sub-
blocks are sufficiently generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com