Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 66Page - Renesas Technology Corp DA16200 Datasheet HTML 67Page - Renesas Technology Corp DA16200 Datasheet HTML 68Page - Renesas Technology Corp DA16200 Datasheet HTML 69Page - Renesas Technology Corp DA16200 Datasheet HTML 70Page - Renesas Technology Corp DA16200 Datasheet HTML 71Page - Renesas Technology Corp DA16200 Datasheet HTML 72Page - Renesas Technology Corp DA16200 Datasheet HTML 73Page - Renesas Technology Corp DA16200 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
70 of 153
© 2023 Renesas Electronics
If the Antenna Switching Diversity function is enabled, the function is automatically done by PHY
hardware block. The basic operation scheme is as follows:
● The antenna's RSSI decision is made for 11b PPDU, except for 11g/n PPDU
● When PHY hardware detects the existence of 11b PPDU, it stores the RSSI
● After the switch to another antenna, the RSSI is stored and a decision is made about which
antenna has better RSSI
● This operation is done during 11b PPDU's preamble duration to protect corruption of 11b PPDU
data reception
● The decided antenna is not changed until there is a new 11b PPDU
11b PPDU
Preamble Header
PSDU
1
Antenna
2
Time
2
11g/n PPDU
1
2
11b PPDU
Preamble Header
PSDU
Example case when RSSI of Antenna 2 is higher
Figure 48: Antenna Switching Timing Diagram
For reference, this antenna switching diversity is different from MRC (Maximum Ratio Combining).
9.10 UART
DA16200 provides three UARTs, features of which are described below:
■ Programmable use of UART (UART1 and UART2)
■ Compliance to the AMBA AHB bus specification [7] for easy integration into SoC implementation
■ Supports both byte and word access for reduction of bus burden
■ Supports both RS-232 and RS-485
■ Separate 32×8 bit transmit and 32×12 bit receive FIFO memory buffers to reduce CPU interrupts
■ Programmable FIFO disabling for 1-byte depth
■ Programmable baud rate generator
■ Standard asynchronous communication bits (start, stop, and parity), which are added prior to
transmission and removed on reception
■ Independent masking of transmit FIFO, receive FIFO, and receive timeout
■ Supports for DMA
■ False start bit detection
■ Programmable flow control (CTS/RTS, UART1)
■ Fully programmable serial interface characteristics:
□ Data can be of 5, 6, 7, or 8 bits
□ Even, odd, stick, or no-parity bit generation and detection
□ 1- or 2- stop bit generation
□ Baud rate generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com