Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 56Page - Renesas Technology Corp DA16200 Datasheet HTML 57Page - Renesas Technology Corp DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp DA16200 Datasheet HTML 62Page - Renesas Technology Corp DA16200 Datasheet HTML 63Page - Renesas Technology Corp DA16200 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
60 of 153
© 2023 Renesas Electronics
THD;STA
S
SDA
SCL
TR
TSU;DAT
THIGH
TLOW
TR
THD;DAT
TVD;ACK
cont.
...
...
SDA
SCL
cont.
...
...
TSU;STA
THD;STA
Sr
TBUF
P
TSU;STO
S
Figure 34: I2C Slave Timing Diagram
Table 45 lists the I2C slave timing parameters.
Table 45: I2C Slave Timing Parameters
Parameter
Symbol
Fast Mode
High Speed Mode
Unit
Min
Max
Min
Max
SCL clock frequency
FSCLK
100
400
100
3400
(Note 2)
kHz
Clock Duty (Note 1)
40
60
40
60
%
Hold time of START
THD;STA
0.6
-
0.26
-
μs
Low period of the SCL clock
TLOW
1.3
-
0.15
-
μs
High period of the SCL clock
THIGH
1.2
-
0.14
-
μs
Setup time for START condition
TSU;STA
0.6
-
0.26
-
μs
Data hold time
THD;DAT
0
-
0
-
μs
Data setup time
TSU;DAT
0.1
-
0.05
-
μs
Rise time of both SDA and SCL
TR
0.02
0.3
-
0.12
μs
Setup time for STOP condition
TSU;STO
0.6
-
0.26
-
μs
Data valid acknowledge time
TVD;ACK
-
-
-
-
μs
Buffer free time between
START and STOP condition
TBUF
1.3
-
0.5
-
μs
Note 1
Clock duty ratio = (THIGH/TSCLK) × 100[%], TSCLK = 1/FSCLK.
Note 2
Max. clock = 3.4 MHz (TSCLK = 294 ns) over 40 MHz of the Fop_clk.
Max. clock = 1.0 MHz (TSCLK = 1000 ns) under 40 MHz of the Fop_clk.
9.5.3
Interface Pull-up
The I2C interface requires pull-up resistors to be connected between the signal lines and the supply
to enable communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com