Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 30Page - Renesas Technology Corp DA16200 Datasheet HTML 31Page - Renesas Technology Corp DA16200 Datasheet HTML 32Page - Renesas Technology Corp DA16200 Datasheet HTML 33Page - Renesas Technology Corp DA16200 Datasheet HTML 34Page - Renesas Technology Corp DA16200 Datasheet HTML 35Page - Renesas Technology Corp DA16200 Datasheet HTML 36Page - Renesas Technology Corp DA16200 Datasheet HTML 37Page - Renesas Technology Corp DA16200 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
34 of 153
© 2023 Renesas Electronics
7.2
Wi-Fi Processor
DA16200 includes an internal MCU (Arm Cortex-M4F) to completely offload the host MCU along with
an 802.11 b/g/n radio, baseband, and MAC with a powerful crypto engine for a fast and secure
WLAN and Internet connections with 256-bit encryption. It supports the station, SoftAP, and Wi-Fi
Direct modes. It also supports WPA/WPA2 personal and enterprise security, WPA2 SI, WPA3 SAE,
OWE, and WPS 2.0. It includes an embedded IPv4 and IPv6 TCP/IP stack.
7.3
Memory
7.3.1
Internal Memory
DA16200 contains four types of internal memories and also supports an external serial flash memory
interface. The roles and functions of each memory are described in the following subsections.
7.3.1.1
ROM
This memory contains boot loader, system kernel, network stack, and various kinds of drivers for
interfaces and peripherals.
7.3.1.2
SRAM
SRAM memory is used only as data space for the applications which run on the internal CPU. The
applications execute directly from serial flash using an execute in place (XIP) process which loads
the code into I-Cache as required. The SRAM is volatile memory and its contents will disappear when
in the low-power Sleep mode.
The address range of the internal SRAM is from 0x0008_0000 to 0x000F_FFFF, and the controller of
this memory supports the swap operation for the internal CPU. To do a swap operation of the
controller, add the offset value to the SRAM address for read operation only.
If the offset value is 0x2080_0000, the controller will do a swap to reverse the byte order for a scalar
32-bit value. If the offset value is 0x2040_0000, the controller will do a swap to reverse the halfword
(16-bit) order for a scalar 32-bit value. For example, if the value of address 0x0000_8000 is
0x12345678, reading address 0x2080_8000 will output value 0x78563412 and reading address
0x2040_8000 will output value 0x56781234.
7.3.1.3
Retention Memory
This memory is a kind of non-volatile memory and is used to save and manage essential information
that should be preserved even in the low-power Sleep mode of the DA16200.
7.3.1.4
OTP
DA16200 includes a one-time field programmable non-volatile CMOS memory (OTP). The OTP
memory array supports write accesses of 1 bit and read accesses of 32 bits by executing read/write
commands through the OTP controllers register interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com