Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 36Page - Renesas Technology Corp DA16200 Datasheet HTML 37Page - Renesas Technology Corp DA16200 Datasheet HTML 38Page - Renesas Technology Corp DA16200 Datasheet HTML 39Page - Renesas Technology Corp DA16200 Datasheet HTML 40Page - Renesas Technology Corp DA16200 Datasheet HTML 41Page - Renesas Technology Corp DA16200 Datasheet HTML 42Page - Renesas Technology Corp DA16200 Datasheet HTML 43Page - Renesas Technology Corp DA16200 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
40 of 153
© 2023 Renesas Electronics
7.5
Pulse Counter
7.5.1
Introduction
The pulse counter is a module that counts the number of rising or falling edges of input signals. And
this counter module can run even in Sleep mode 2/3. It includes one 32-bit up-counter. The input
channel can be set with a register setting among the 11 digital I/Os. It also has a glitch filter that is
designed to remove the unwanted trigger of an input signal.
7.5.2
Functional Description
Ext.
Pad
Mux.
Mux_SEL
Glitch
Filter
Edge
Select
Counter
Int
Gli_En
Gli_Thresh
Edge_Sel
Count_En
Count_Rst
Int_Clr
Int_Thresh
Int
PCLK
Pulse
Edge
Pulse
Count
CLK_32kHz
ㅣ
ㅣ
Figure 16: Pulse Counter Block Diagram
7.5.2.1
Input
Available input channels are described in Table 29. It uses the same input sources with the wake-up
controller. By register setting, input channels can be selected among 11 digital I/Os.
7.5.2.2
Clock
The operation clock of the pulse counter is 32 kHz.
7.5.2.3
Counter
As described in Figure 16, the pulse counter is activated by several counter control signals. With a
register setting, input signals can be selected on either the rising edges or falling edges. To enable
the glitch filter module, the Gli_En and Gli_Thresh register values need to be set. The pulses whose
cycles are shorter than the Gli_Thresh value are removed. The counter is a 32-bit up-counter and the
counter value can be reset to zero by Count_Rst.
7.5.2.4
Interrupts
An interrupt occurs when the counter values reaches the Interrupt Threshold value (Int_Thresh). In
Sleep mode 2/3, this interrupt can be used as a wake-up source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com