Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 68Page - Renesas Technology Corp DA16200 Datasheet HTML 69Page - Renesas Technology Corp DA16200 Datasheet HTML 70Page - Renesas Technology Corp DA16200 Datasheet HTML 71Page - Renesas Technology Corp DA16200 Datasheet HTML 72Page - Renesas Technology Corp DA16200 Datasheet HTML 73Page - Renesas Technology Corp DA16200 Datasheet HTML 74Page - Renesas Technology Corp DA16200 Datasheet HTML 75Page - Renesas Technology Corp DA16200 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
72 of 153
© 2023 Renesas Electronics
9.10.1
RS-232
As the serial communication between the UART and the selected device is asynchronous, additional
bits (start and stop) are inserted into the data line to indicate the beginning and end. With these bits,
two devices can be synchronized. This structure of serial data accompanied by start and stop bits is
referred to as a character, as shown in Figure 50.
Data
Start
Bit Time
Data bits
5 - 8
Parity
1- or 2-
Stop
One Character
Figure 50: Serial Data Format
An additional parity bit may be added to the serial character. This bit appears between the last data
bit and the stop bit(s) in the character structure. It provides the UART with the ability to do simple
error checking on the received data.
The UART Line Control Register is used to control the serial character characteristics. The individual
bits of the data word are sent after the start bit, starting with the least significant bit (LSB). These are
followed by the optional parity bit, followed by the stop bit(s), which can be 1 or 2.
Serial Data In
8
16
16
Start
Data Bit 0 (LSB)
Data Bit 1
Figure 51: Receiver Serial Data Sampling Points
All the bits in the transmission are transmitted for exactly the same time duration. This is referred to
as a Bit Period or Bit Time. One Bit Time equals 16 baud clocks. To ensure stability on the line, the
receiver samples the serial input data at approximately the mid-point of the Bit Time, once the start
bit has been detected. As the exact number of baud clocks that each bit was transmitted for is
known, calculating the mid-point for sampling is not difficult, that is every 16 baud clocks after the
mid-point sample of the start bit. Figure 49 shows the sampling points of the first couple of bits in a
serial character.
9.10.2
RS-485
DA16200 UART supports RS-485. A UART485EN register (0x054) is required to be assigned to
enable the RS-485. In order to use RS-485, an additional signal (UARTTXDOE) is required to notice
TXD intervals. This signal can be an output by selecting any of the unused GPIO pins.
Figure 52: UARTTXDOE Output Signal for UART RS-485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com