Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 94Page - Renesas Technology Corp DA16200 Datasheet HTML 95Page - Renesas Technology Corp DA16200 Datasheet HTML 96Page - Renesas Technology Corp DA16200 Datasheet HTML 97Page - Renesas Technology Corp DA16200 Datasheet HTML 98Page - Renesas Technology Corp DA16200 Datasheet HTML 99Page - Renesas Technology Corp DA16200 Datasheet HTML 100Page - Renesas Technology Corp DA16200 Datasheet HTML 101Page - Renesas Technology Corp DA16200 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
98 of 153
© 2023 Renesas Electronics
Table 137: UART_LCNTRL (0x02C)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x00
7
R/W
SPS
Stick parity select
0 = Stick parity disabled
1 = Either
* If PARSEL bit is 0, the parity bit is transmitted and
checked as a 1
* If PARSEL bit is 1, the parity bit is transmitted and
checked as a 0
0x0
6:5
R/W
DTLEN
The number of data bits transmitted or received in a
frame.
b'11 = 8 bits
b'10 = 7 bits
b'01 = 6 bits
b'00 = 5 bits
0x0
4
R/W
FIFOEn
FIFO Enable
0 = UART FIFO disabled
1 = UART Transmit and Receive FIFO enabled
0x0
3
R/W
TSTP
Two stop bits select
0 = Two bits are transmitted as stop bit
1 = One bit is transmitted as stop bit
0x0
2
R/W
PARSEL
Parity select:
0 = odd parity
1 = even parity
0x0
1
R/W
PAREn
Parity enable:
0 = Parity is disabled
1 = Parity is enabled
0x0
0
-
Reserved
0x0
Table 138: UART_CNTRL (0x030)
Bit
Mode
Symbol
Description
Reset
15
R/W
CTSEn
UART CTS hardware flow control enable
0 = CTS hardware flow control disabled
1 = CTS hardware flow control enabled
0x0
14
R/W
RTSEn
UART RTS hardware flow control enable
0 = RTS hardware flow control disabled
1 = RTS hardware flow control enabled
0x0
13:10
-
-
Reserved
0x0
9
R/W
RXEn
Receive enable
0 = Receive section of the UART disabled
1 = Receive section of the UART enabled
0x1
8
R/W
TXEn
Transmit enable
0 = Transmit section of the UART disabled
1 = Transmit section of the UART enabled
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com