Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 41Page - Renesas Technology Corp DA16200 Datasheet HTML 42Page - Renesas Technology Corp DA16200 Datasheet HTML 43Page - Renesas Technology Corp DA16200 Datasheet HTML 44Page - Renesas Technology Corp DA16200 Datasheet HTML 45Page - Renesas Technology Corp DA16200 Datasheet HTML 46Page - Renesas Technology Corp DA16200 Datasheet HTML 47Page - Renesas Technology Corp DA16200 Datasheet HTML 48Page - Renesas Technology Corp DA16200 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
45 of 153
© 2023 Renesas Electronics
Figure 19 shows the DMA2 block diagram.
DMA2
M0
M1
S
AHB
BusMatrix
Configuration
Figure 19: DMA2 Block Diagram
7.8
Simple Memory Protection
DA16200 provides simple protection for internal SRAM, ROM, and Retention Memory.
The memory controllers are AMBA AHB slaves and simple protection operates between the main
AHB bus and the AHB slave port of the memory controllers.
The features of memory protection in DA16200 are summarized as follows:
■ Memory protection provides the function to set the security area of each memory that should be
protected
■ The setting unit to set the security area for each memory is different:
□ SRAM: 1 kB/unit
□ MROM: 16 bytes/unit
□ Retention Memory: 4 bytes/unit
■ Provides the access protection for the security zone for each AHB master
■ Provides the write protection function for each AHB master
■ Provides the read protection function for each AHB master
■ Latency is 0 cycle
The index numbers to distinguish AHB masters are:
● 0x0: Cortex M4 – DCode bus
● 0x1: Cortex M4 – ICode bus
● 0x2: Cortex M4 – System bus
● 0x3: MAC DMA
● 0x4: DMA1
● 0x5: SD/eMMC (SD Host)
● 0x6: Serial Slave Interface (SPI, I2C, SDIO)
● 0x7: DMA2_M0 (read port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com