Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 26Page - Renesas Technology Corp DA16200 Datasheet HTML 27Page - Renesas Technology Corp DA16200 Datasheet HTML 28Page - Renesas Technology Corp DA16200 Datasheet HTML 29Page - Renesas Technology Corp DA16200 Datasheet HTML 30Page - Renesas Technology Corp DA16200 Datasheet HTML 31Page - Renesas Technology Corp DA16200 Datasheet HTML 32Page - Renesas Technology Corp DA16200 Datasheet HTML 33Page - Renesas Technology Corp DA16200 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
30 of 153
© 2023 Renesas Electronics
5.8.2
Main Clock Source
DA16200 contains a crystal oscillator for the main clock source which supports the external crystal
clock. Basically, the external clock is 40 MHz. Table 25 shows the load capacitor value and required
clock tolerance for 40 MHz. Figure 9 and Figure 10 show the crystal clock connections.
4
5
RF_XI
RF_XO
40MHz
C2
C1
Figure 9: Crystal Clock Connections - QFN
G11
H12
RF_XI
RF_XO
40MHz
C2
C1
Figure 10: Crystal Clock Connections - fcCSP
Table 25 lists the WLAN crystal requirements.
Table 25: WLAN Crystal Clock Requirements
Parameter
Condition
Min
Typ
Max
Units
Frequency
40
MHz
Frequency accuracy
Initial + temp + aging
-20
+20
ppm
Crystal ESR
50
Ω
Load Capacitance (Note 1)
6
8
10
pF
Note 1
Not to exceed ±20ppm, there is an internal adjustable shunt capacitor inside the chipset, which must
be written to the OTP block after X-TAL correction. There is a 0~12.7pF tunable capacitor inside the
DA16200, to use without shunt capacitors outside, it must be selected an XTAL with a load
capacitance of 6~10pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com