Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA16200 Datasheet HTML 1Page - Renesas Technology Corp DA16200 Datasheet HTML 2Page - Renesas Technology Corp DA16200 Datasheet HTML 3Page - Renesas Technology Corp DA16200 Datasheet HTML 4Page - Renesas Technology Corp DA16200 Datasheet HTML 5Page - Renesas Technology Corp DA16200 Datasheet HTML 6Page - Renesas Technology Corp DA16200 Datasheet HTML 7Page - Renesas Technology Corp DA16200 Datasheet HTML 8Page - Renesas Technology Corp DA16200 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
2 of 153
© 2023 Renesas Electronics
■ Hardware accelerators
□ General HW CRC engine
□ HW zeroing function for fast booting
□ Pseudo random number generator
(PRNG)
■ Complete software stack
□ Comprehensive networking software stack
□ Provides TCP/IP stack: in the form of
network socket APIs
■ Advanced security
□ Secure booting
□ Secure debugging using JTAG/SWD and
UART ports
□ Secure asset storage
■ Built-in hardware crypto engines for advanced
security
□ TLS/DTLS security protocol functions
□ Crypto engine for key deliberate generic
security functions: AES (128,192,256),
DES/3DES, SHA1/224/256, RSA, DH,
ECC, CHACHA, and TRNG
□ SRAM: 512 kB
□ OTP: 2 kB
□ Retention Memory: 48 kB
■ Power management unit
□ On-Chip RTC
□ Wake-up control of fast booting or full
booting with minimal initialization time
□ Integrated DC-DC and LDOs
□ Supports three ultra-low power Sleep
modes
■ Clock source
□ 40 MHz crystal (± 20 ppm) for master
clock (initial + temp + aging)
□ 32.768 kHz crystal (± 250 ppm) for RTC
clock
□ Integrated 32 kHz RC oscillator
■ Supply
□ Single operating voltage: 2.1 V to 3.6 V
(typical: 3.3 V)
□ Digital I/O Supply Voltage: 1.8 V / 3.3 V
□ Black-out and brown-out detector
■ Package type
□ 6 mm × 6 mm, 0.4 mm pitch, 48-Pin, QFN
□ 3.8 mm × 3.8 mm, 0.4 mm pitch, 72-Pin,
fcCSP
■ Operating temperature range
□ -40 °C to 85 °C
Applications
■ Security systems
■ Door locks
■ Thermostats
■ Garage door openers
■ Blinds
■ Lighting control
■ Sprinkler systems
■ Video camera security systems
■ Smart appliances
■ Video doorbell
■ Asset tracker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com