Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 12Page - Renesas Technology Corp DA16200 Datasheet HTML 13Page - Renesas Technology Corp DA16200 Datasheet HTML 14Page - Renesas Technology Corp DA16200 Datasheet HTML 15Page - Renesas Technology Corp DA16200 Datasheet HTML 16Page - Renesas Technology Corp DA16200 Datasheet HTML 17Page - Renesas Technology Corp DA16200 Datasheet HTML 18Page - Renesas Technology Corp DA16200 Datasheet HTML 19Page - Renesas Technology Corp DA16200 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
16 of 153
© 2023 Renesas Electronics
4.2
72-Pin fcCSP
A7
VDD_DA
/PA
A9
GND
A11
ANT
A1
GND
B6
GND
B8
VDD_DA
/PA
B10
GND
B12
GND
B4
RTC_XI
C5
RTC_XO
C7
GND
C9
GND
C11
GND
C1
VDD_DI
O1
D6
RTC_WA
KE_UP
D8
GND
D10
GND
D2
GPIOA5
E5
GND
E7
RTC_GP
O
E9
GND
E11
RBIAS
E3
GPIOA6
E1
GPIOA7
F6
GND
F8
GND
F10
GND
F12
GND
F4
GPIOA4
F2
GPIOA10
G5
GND
G7
GND
G9
GND
G11
RF_XI
G3
GPIOA8
G1
GPIOA11
H6
RTC_WA
KE_UP2
H8
GND
H10
GND
H12
RF_XO
H4
GND
H2
GPIOA9
J5
F_CSN
J7
F_IO2
J9
TCLK
J11
TMS
J3
GND
J1
DCDC_FB
K6
F_IO3
K8
F_IO0
K4
F_CLK
K2
GND
L5
GND
L7
F_IO1
L9
UART_T
XD
L11
GPIOC6
L1
DCDC_LX
M6
GND
M8
DIO2
M10
UART_R
XD
M12
GND
M4
VDD_FDI
O
M2
VBAT
L3
VDD_DI
G
K12
GPIOC7
K10
GPIOC8
D12
VDD_AN
A
A5
RTC_PWR_
KEY
C3
GPIOA1
D4
GPIOA3
B2
GPIOA2
A3
GPIOA0
Figure 5: DA16200 fcCSP72 Pinout Diagram (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com