Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 63Page - Renesas Technology Corp DA16200 Datasheet HTML 64Page - Renesas Technology Corp DA16200 Datasheet HTML 65Page - Renesas Technology Corp DA16200 Datasheet HTML 66Page - Renesas Technology Corp DA16200 Datasheet HTML 67Page - Renesas Technology Corp DA16200 Datasheet HTML 68Page - Renesas Technology Corp DA16200 Datasheet HTML 69Page - Renesas Technology Corp DA16200 Datasheet HTML 70Page - Renesas Technology Corp DA16200 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
67 of 153
© 2023 Renesas Electronics
9.8
ADC (Aux 12-bit)
9.8.1
Overview
DA16200 includes a high precision, ultra-low power, and wide dynamic range SAR ADC with a 12-bit
resolution. It has a 4-channel single-end ADC.
Analog input is measured by four pins from GPIOA0 to GPIOA3, and pin selection is changed
through the register setting.
Figure 45 shows the control block diagram.
ADC
12b
Max : 1Ms
Counter
16-bit
Ready
CH_SEL
VI_N[1]
VI_N[2]
VI_N[3]
VI_N[4]
Figure 45: ADC Control Block Diagram
9.8.2
Timing Diagram
The input is digitized at a maximum of 1.0 Msps throughput rate. And the maximum input clock rate is
15 MHz.
Figure 46 shows the conversion timing, and Table 52 describes the DC specifications.
Figure 46: 12-bit ADC Timing Diagram
CLK
15MHz
SAMPLE
1M
CLKOUT
1M
AUXADC_EN
OSC_EN
D<11:0>
15*CLK
N
15*CLK
N+1
15*CLK
N+2
15*CLK
N+3
15*CLK
N+4
N
N+1
N+2
N+3
15*CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com