Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 80Page - Renesas Technology Corp DA16200 Datasheet HTML 81Page - Renesas Technology Corp DA16200 Datasheet HTML 82Page - Renesas Technology Corp DA16200 Datasheet HTML 83Page - Renesas Technology Corp DA16200 Datasheet HTML 84Page - Renesas Technology Corp DA16200 Datasheet HTML 85Page - Renesas Technology Corp DA16200 Datasheet HTML 86Page - Renesas Technology Corp DA16200 Datasheet HTML 87Page - Renesas Technology Corp DA16200 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
84 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
…
[1]
GPIOA1
[0]
GPIOA0
Table 68: GPIO_IE_IS (0x5000_122C)
Bit
Mode
Symbol
Description
Reset
31:16
R/W
-
Input Enable (active high, default = 1)
[30] GPIOA14
[29] GPIOA13
…
[17] GPIOA1
[16] GPIOA0
0x7FFF
15:0
R/W
-
Input Selection:
0 CMOS, 1: Schmitt (default = 1)
[14] GPIOA14
[13] GPIOA13
…
[1] GPIOA1
[0] GPIOA0
0x7FFF
Table 69: GPIO1_DS (0x5000_1234)
Bit
Mode
Symbol
Description
Reset
23:0
R/W
Driving Strength
00: 2 mA
01:8 mA (default)
10: 4 mA
11:12 mA
[23:22] GPIOB11
[21:20] GPIOB10
[19:18] GPIOB9
[17:16] GPIOB8
[15:14] GPIOB7
[13:12] GPIOB6
[11:10] GPIOB5
[9:8]
GPIOB4
[7:6]
GPIOB3
[5:4]
GPIOB2
[3:2]
GPIOB1
[1:0]
GPIOB0
0x0055_5555
Table 70: GPIO1_SR (0x5000_1238)
Bit
Mode
Symbol
Description
Reset
11:0
R/W
-
Slew Rate control, Default = 0 (fast slew)
[11] GPIOB11
[10] GPIOB10
…
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com