Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 8Page - Renesas Technology Corp DA16200 Datasheet HTML 9Page - Renesas Technology Corp DA16200 Datasheet HTML 10Page - Renesas Technology Corp DA16200 Datasheet HTML 11Page - Renesas Technology Corp DA16200 Datasheet HTML 12Page - Renesas Technology Corp DA16200 Datasheet HTML 13Page - Renesas Technology Corp DA16200 Datasheet HTML 14Page - Renesas Technology Corp DA16200 Datasheet HTML 15Page - Renesas Technology Corp DA16200 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
12 of 153
© 2023 Renesas Electronics
1
Terms and Definitions
API
Application Programming Interface
CRC
Cyclic Redundancy Check
DAC
Digital-to-Analog Converter
DMA
Direct Memory Access
GPIO
General Purpose Input/Output
HW
Hardware
I2C
Inter-Integrated Circuit
I2S
Inter-IC Sound
IoT
Internet of Things
JTAG
Joint Test Action Group
LDO
Low-Dropout Regulator
LLI
Linked-List Item
NVIC
Nested Vectored Interrupt Controller
NVRAM
Non-Volatile RAM
PLL
Phase-Locked Loop
PRNG
Pseudo Random Number Generator
PWM
Pulse Width Modulation
QSPI
Quad-Lane SPI
RTC
Real-Time Clock
SAR ADC
Successive Approximation Analog-to-Digital Converter
SPI
Serial Peripheral Interface
SW
Software
SWD
Serial Wire Debug
TAP
Test Access Port
UART
Universal Asynchronous Receivers and Transmitter
XIP
eXecute in Place
2
References
[1]
ARM Cortex M4 Processor Technical Reference Manual
[2]
DA16200_Example_Application_Guide.pdf
[3]
ITU-T O.150, General Requirements for Instrumentation for Performance Measurements on
Digital Transmission Equipment, 1996
[4]
Arm TrustZone® CryptoCell-312, Software Integrators Manual, Revision r1p1.
[5]
IEEE Standard 1149.1, Test Access Port and Boundary-Scan Architecture
[6]
DA16200_SDK_Programmer_Guide.pdf
[7]
AMBA AHB bus specification, Revision 3.0 https://developer.arm.com/documentation/ihi0033/bb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com